Electronic Components Datasheet Search
  English  ▼

X  

CM312 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # CM312
Description  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM312 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 23Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 24Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 25Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 26Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 27Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 28Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 29Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 30Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
CM312 Quad Serial utilityModule
17
RTD Embedded Technologies, Inc.
Facing the connector pins, the pinout is pictured in the following,
Table 10 Connector CN3 pin location in RS422/485 Mode
9
7
5
3
1
GND
CTS-
TXD-
RXD-
RTS-
GND
CTS+
RXD+
TXD+
RTS+
10
8
6
4
2
Notes on using RS422 or RS485 Modes
When using the serial port in RS422 or RS485 mode, the serial receiver is always enabled,
however the serial transmitter is enabled and disabled under software control in the following two ways.
By default, the transmitter is enabled by manipulating the Request To Send (RTS*) signal of the
serial port controller. This signal is controlled by writing bit 1 of the Modem Control Register (MCR) as
follows:
•
If MCR bit 1 = 1, then RTS* = 0, and serial transmitter is disabled
•
If MCR bit 1 = 0, then RTS* = 1, and serial transmitter is enabled
For more information on the serial port registers, including the MCR, please refer to a standard PC-AT
hardware reference for the 16C550 UART, or refer to RTDUSA application note ANC102 at
http://www.rtdusa.com
The other way to enable the serial transmitter is to write 1 to its corresponding bit of the
utilityModule’s internal common register 4, which sets the serial transmitter in “always on” mode. Please
refer to Internal Common Register Section for detail.
Second COM port, CN4
Please refer to the previous section on the first COM port CN3 for the description on CN4.
Third COM port, CN5
Please refer to the previous section on the first COM port CN3 for the description on CN5.
Fourth COM port, CN6
Please refer to the previous section on the first COM port CN3 for the description on CN6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com