Electronic Components Datasheet Search
  English  ▼

X  

CM312 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # CM312
Description  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM312 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 47Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 48Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 49Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 50Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 51Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 52Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 53Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 54Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
CM312 Quad Serial utilityModule
41
RTD Embedded Technologies, Inc.
Types of Ethernet cable
Ethernet uses one of three standard cable types:
Ethernet
Type
Cable type
Impedance
Denomination
10Base-T
UTP
100 Ohm
unshielded twisted pair
10Base-2
RG-58
50 Ohm
Ethernet thin
10Base-5
RG-11
50 Ohm
Ethernet thick (yellow
cable)
Note: Although 8-conductor telephone wire is commonly used for 10Base-T connections, this type
wire is not the correct 100 ohm UTP, as it does not use twisted-pairs. Using such wire may cause
excessive crosstalk, resulting in a large number of collisions and poor network performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com