Electronic Components Datasheet Search
  English  ▼

X  

CM312 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # CM312
Description  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM312 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 46Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 47Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 48Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 49Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 50Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 51Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 52Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 53Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
CM312 Quad Serial utilityModule
40
RTD Embedded Technologies, Inc.
Chapter 6
REFERENCE INFORMATION
This chapter contains reference information concerning:
•
Ethernet References
•
Types of Ethernet
•
Types of Ethernet Cable
•
Ethernet Frames
•
IEEE 802 MAC Number
Ethernet References
To learn more about Ethernet, you might start with:
Charles Spurgeon’s Ethernet Website:
http:wwwhost.ots.utexas.edu/ethernet/ethernet-home.html
This site provides thorough overviews of 10 Mbps and faster Ethernet.
Types of Ethernet
There are three standard types of 10 Megabit Ethernet, of which 10Base-T is by far the most
common, and 10Base-5 is by far the least common.
Ethernet
Type
Nickname
Data transfer
rate
Topology
Cable type
Maximum
Segment
length
10Base-T
“Cheapernet”
10 Mbps
Star
100 ohm UTP
(unshielded
twisted pair)
100 m
328 ft
10Base-2
“Thin” Ethernet
10 Mbps
Bus
RG-58 coaxial
185 m
607 ft
10Base-5
“Thick”
Ethernet
10 Mbps
Bus
RG-11 coaxial
500 m
1640 ft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com