Electronic Components Datasheet Search
  English  ▼

X  

CM312 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # CM312
Description  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM312 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 11Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 12Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 13Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 14Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 15Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 16Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 17Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 18Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
CM312 Quad Serial utilityModule
5
RTD Embedded Technologies, Inc.
Default Settings
The utilityModule is delivered from the factory configured according to the following table.
Table 1 Default Jumper Settings
Jumper
Setting
Function
JP1
G jumper
3-4
Installed
IRQ4 for 1
st COM port
1K pull down resister on IRQ4 line
JP2
G jumper
1-2
Installed
IRQ3 for 2
nd COM port
1K pull down resister on IRQ3 line
JP3
G jumper
5-6
Installed
IRQ5 for 3
rd COM port
1K pull down resister on IRQ5 line
JP4
G jumper
13-14
Installed
IRQ10 for 4
th COM port
1K pull down resister on IRQ10 line
JP5
CLK jumper
2-3 installed
24 MHz / 13 input clock is selected for serial ports
JP6
EEPROM
1-2 open
Enable Ethernet EEPROM
JP7
1-2 open
Not used, leave open
1-2 not
installed
Enable port
3-4 installed
Select RS-232 mode
5-6 open
No termination on RxD (Not required for RS-232 mode)
JP8
First
COM port
7-8 open
No termination on CTS (Not required for RS-232 mode)
1-2 not
installed
Enable port
3-4 installed
Select RS-232 mode
5-6 open
No termination on RxD (Not required for RS-232 mode)
JP9
Second
COM port
7-8 open
No termination on CTS (Not required for RS-232 mode)
1-2 not
installed
Enable port
3-4 installed
Select RS-232 mode
5-6 open
No termination on RxD (Not required for RS-232 mode)
JP10
Third
COM port
7-8 open
No termination on CTS (Not required for RS-232 mode)
1-2 not
installed
Enable port
3-4 installed
Select RS-232 mode
5-6 open
No termination on RxD (Not required for RS-232 mode)
JP11
Fourth
COM port
7-8 open
No termination on CTS (Not required for RS-232 mode)
SW1
All down
I/O base addresses at
3E8, 2E8, 280, 288 for 1
st, 2nd,3rd and 4th COM port respectively



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com