Electronic Components Datasheet Search
  English  ▼

X  

ACE575D Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE575D
Description  36V Low Current Consumption 250mA CMOS Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE575D Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE575D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 3Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 6Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 7Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 8Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ACE575D
36V Low Current Consumption 250mA CMOS Voltage Regulator
VER 1.1
3
Packaging Type
SOT-23-3
SOT-23-5
SOT-89-3
TO-92
Pin Configuration
SOT-23-3
SOT-23-5
SOT-89-3
TO-92
Pin Name
Function
A
B
C
A
B
A
B
C
A
B
C
1
3
3
2
1
1
2
2
1
2
2
V
SS
Ground
2
2
1
5
3
3
1
3
3
3
1
V
OUT
Output
3
1
2
1
2
2
3
1
2
1
3
V
IN
Power input
3/4
4/5
NC
No Connection
Ordering information
ACE575DX XX XX + H
BMA: SOT-23-3A
BMB: SOT-23-3B
BMC: SOT-23-3C
BNA: SOT-23-5A
BNB: SOT-23-5B
Output Voltage:2.1V/5.0V/….36V
Pb - free
Halogen - free
A: 1%
B: 2%
AMA: SOT-89-3A
AMB: SOT-89-3B
AMC: SOT-89-3C
EPA: TO-92A
EPB: TO-92B
EPC: TO-92C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com