Electronic Components Datasheet Search
  English  ▼

X  

ACE575D Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE575D
Description  36V Low Current Consumption 250mA CMOS Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE575D Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE575D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 3Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 6Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 7Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 8Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ACE575D
36V Low Current Consumption 250mA CMOS Voltage Regulator
VER 1.1
1
Description
The ACE575D series are a group of positive voltage regulators manufactured by CMOS technologies with
low power consumption and low dropout voltage, which provide large output currents even when the
difference of the input-output voltage is small. The ACE575D series can deliver 250mA output current and
allow an input voltage as high as 36V. The series are very suitable for the battery-powered equipments,
such as RF applications and other systems requiring a quiet voltage source.
Features
Low Q
uiescent Current: 2μA
Operating Voltage Range: 2.5V~36V
Output Current: 250mA
Low Dropout Voltage: 400mV@100mA(VOUT=3.3V)
Output Voltage: 2.1~ 12V
High Accuracy: ±2%/±1%(Typ.)
High Power Supply Rejection Ratio: 70dB@1kHz
Low Output Noise:
27xVOUT
μV
RMS(10Hz~100kHz)
Excellent Line and Load Transient Response
Built-in Current Limiter, Short-Circuit Protection
Over-Temperature Protection
Stable with Ceramic or Tantalum Capacitor
Application
Cordless Phones
Radio control systems
Laptop, Palmtops and PDAs
Single-lens reflex DSC
PC peripherals with memory
Wireless Communication Equipments
Portable Audio Video Equipments
Car Navigation Systems
LAN Cards
Ultra Low Power Microcontrolle


Similar Part No. - ACE575D

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE575U ACE-ACE575U Datasheet
556Kb / 10P
350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
More results

Similar Description - ACE575D

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501 Datasheet
521Kb / 9P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
ACE501 ACE-ACE501_14 Datasheet
749Kb / 8P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.6
ACE523C ACE-ACE523C Datasheet
657Kb / 8P
250mA Low consumption Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503_16 Datasheet
533Kb / 13P
250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE521 ACE-ACE521 Datasheet
680Kb / 10P
250mA CMOS Low consumption Linear Regulator
VER 1.4
logo
Shenzhen Huazhimei Semi...
HM6238 HMSEMI-HM6238 Datasheet
372Kb / 8P
Low current consumption 300mA CMOS Voltage Regulator
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
A6250A AITSEMI-A6250A Datasheet
747Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com