Electronic Components Datasheet Search
  English  ▼

X  

ACE575D Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE575D
Description  36V Low Current Consumption 250mA CMOS Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE575D Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE575D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 3Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 6Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 7Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 8Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ACE575D
36V Low Current Consumption 250mA CMOS Voltage Regulator
VER 1.1
5
Electrical Characteristics
(VIN=VOUT+2V, CIN=COUT
=1μF,T
A=25℃,unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
(1)
Max
Units
Input Voltage
V
IN
2.5
36
V
Output Voltage Range
V
OUT
2.1
12
V
DC Output Accuracy
IOUT=10mA
-2
2
%
-1
1
%
Dropout Voltage
V
dif
(2)
IOUT =100mA,VOUT=3.3V
400
mV
Supply Current
I
SS
IOUT=0A,
2.1V
≤V
OUT
≤5.0V
2
5
μA
IOUT=0A,
5.0V<VOUT
≤12.0V
5
10
μA
Line Regulation
∆V
OUT
V
OUT × ∆VIN
IOUT =10mA
VOUT
+1V≤V
IN
≤36V
0.01
0.3
%/V
Load Regulation
∆V
OUT
VIN= VOUT +2V,
1mA≤I
OUT
≤100mA
10
mV
Temperature
Coefficient
∆V
OUT
V
OUT × ∆TA
IOUT=40mA,
-40°C<TA<85°C
50
ppm/°C
Output Current Limit
I
LIM
V
OUT= 0.5 x VOUT(Normal)
350
mA
Short Current
I
SHORT
V
OUT =VSS
25
mA
Power Supply
Rejection Ratio
PSRR
IOUT=50mA
100Hz
80
dB
1kHz
70
10kHz
60
100kHz
50
Output Noise Voltage
V
ON
BW=10Hz to 100kHz
27 x VOUT
μV
RMS
Thermal Shutdown
Temperature
T
SD
ILOAD = 30mA
160
°C
Thermal Shutdown
Hysteresis
∆T
SD
20
°C
1.
Typical numbers are at 25°C and represent the most likely norm.
2.
Vdif:The Difference Of Output VoltageAnd Input Voltage When Input Voltage Is Decreased Gradually
Till Output Voltage Equals To 98% Of VOUT (E).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com