Electronic Components Datasheet Search
  English  ▼

X  

ACE575D Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE575D
Description  36V Low Current Consumption 250mA CMOS Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE575D Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE575D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 6Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 7Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 8Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 9Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 10Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 11Page - ACE Technology Co., LTD. ACE575D Datasheet HTML 12Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ACE575D
36V Low Current Consumption 250mA CMOS Voltage Regulator
VER 1.1
10
Packing Information
SOT-89-3
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min.
Max.
Min.
Max.
A
1.400
1.600
0.055
0.063
b
0.320
0.520
0.013
0.197
b1
0.400
0.580
0.016
0.023
c
0.350
0.440
0.014
0.017
D
4.400
4.600
0.173
0.181
D1
1.550 REF
0.061 REF
E
2.300
2.600
0.091
0.102
E1
3.940
4.250
0.155
0.167
e
1.500 TYP
0.060 TYP
e1
3.000 TYP
0.118 TYP
L
0.900
1.200
0.035
0.047



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com