Electronic Components Datasheet Search
  English  ▼

X  

PAM8019 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PAM8019
Description  3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8019 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PAM8019 Datasheet HTML 4Page - Diodes Incorporated PAM8019 Datasheet HTML 5Page - Diodes Incorporated PAM8019 Datasheet HTML 6Page - Diodes Incorporated PAM8019 Datasheet HTML 7Page - Diodes Incorporated PAM8019 Datasheet HTML 8Page - Diodes Incorporated PAM8019 Datasheet HTML 9Page - Diodes Incorporated PAM8019 Datasheet HTML 10Page - Diodes Incorporated PAM8019 Datasheet HTML 11Page - Diodes Incorporated PAM8019 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PAM8019
Document number: DS38822 Rev. 1 - 2
8 of 12
www.diodes.com
May 2016
© Diodes Incorporated
PAM8019
Typical Performance Characteristics (Cont.)
Table 1 DC Volume Control
Step
DC Volume (V)
Power Amp
Gain (dB)
Head Phone
Amp Gain
(dB)
Step
DC Volume (V)
Power Amp
Gain (dB)
Head Phone
Amp Gain
(dB)
1
0.000 to 0.201
20
3.51
33
2.462 to 2.533
6.7
-7.11
2
0.202 to 0.275
19.6
3.22
34
2.534 to 2.605
6.4
-7.43
3
0.276 to 0.347
19.2
2.94
35
2.606 to 2.678
6
-7.76
4
0.348 to 0.419
18.8
2.66
36
2.679 to 2.751
5.7
-8.09
5
0.420 to 0.491
18.4
2.39
37
2.752 to 2.823
5.3
-8.42
6
0.492 to 0.563
18
2.12
38
2.824 to 2.897
4.9
-8.76
7
0.564 to 0.633
17.6
1.85
39
2.898 to 2.969
4.6
-9.09
8
0.634 to 0.701
17.1
1.46
40
2.970 to 3.043
4.2
-9.43
9
0.702 to 0.771
16.6
1.07
41
3.044 to 3.114
3.8
-9.77
10
0.772 to 0.849
16.1
0.69
42
3.115 to 3.186
3.5
-10.1
11
0.850 to 0.929
15.6
0.32
43
3.187 to 3.259
3.1
-10.46
12
0.930 to 1.005
15.1
-0.05
44
3.260 to 3.332
2.7
-10.81
13
1.006 to 1.079
14.6
-0.41
45
3.333 to 3.403
2.3
-11.16
14
1.080 to 1.153
14.2
-0.77
46
3.404 to 3.476
2
-11.52
15
1.154 to 1.225
13.7
-1.12
47
3.477 to 3.551
1.6
-11.88
16
1.226 to 1.297
13.3
-1.47
48
3.552 to 3.621
1.2
-12.24
17
1.298 to 1.371
12.9
-1.82
49
3.622 to 3.695
0.8
-12.62
18
1.372 to 1.443
12.5
-2.16
50
3.696 to 3.767
0.4
-12.99
19
1.444 to 1.517
12
-2.5
51
3.768 to 3.839
0
-13.38
20
1.518 to 1.589
11.6
-2.84
52
3.840 to 3.909
-1
-14.37
21
1.590 to 1.661
11.2
-3.18
53
3.910 to 3.979
-2.1
-15.42
22
1.662 to 1.733
10.8
-3.51
54
3.980 to 4.045
-3
-16.3
23
1.734 to 1.807
10.5
-3.84
55
4.046 to 4.116
-5
-18.23
24
1.808 to 1.879
10.1
-4.17
56
4.117 to 4.195
-7
-20.16
25
1.880 to 1.951
9.7
-4.5
57
4.196 to 4.273
-9
-22.08
26
1.952 to 2.025
9.3
-4.82
58
4.274 to 4.347
-10.9
-23.96
27
2.026 to 2.097
8.9
-5.16
59
4.348 to 4.421
-17
-30.01
28
2.098 to 2.169
8.6
-5.48
60
4.422 to 4.493
-22.8
-35.83
29
2.170 to 2.243
8.2
-5.8
61
4.494 to 4.565
-29
-41.98
30
2.244 to 2.315
7.8
-6.13
62
4.566 to 4.637
-33.5
-46.46
31
2.316 to 2.389
7.5
-6.45
63
4.638 to 4.708
-39.5
-52.58
32
2.390 to 2.461
7.1
-6.78
64
4.709 to 5.000
-60
-92.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com