Electronic Components Datasheet Search
  English  ▼

X  

PAM8019 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8019
Description  3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8019 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8019 Datasheet HTML 1Page - Diodes Incorporated PAM8019 Datasheet HTML 2Page - Diodes Incorporated PAM8019 Datasheet HTML 3Page - Diodes Incorporated PAM8019 Datasheet HTML 4Page - Diodes Incorporated PAM8019 Datasheet HTML 5Page - Diodes Incorporated PAM8019 Datasheet HTML 6Page - Diodes Incorporated PAM8019 Datasheet HTML 7Page - Diodes Incorporated PAM8019 Datasheet HTML 8Page - Diodes Incorporated PAM8019 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PAM8019
Document number: DS38822 Rev. 1 - 2
1 of 12
www.diodes.com
May 2016
© Diodes Incorporated
PAM8019
3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
WITH DC VOLUME CONTROL, NON-CLIP POWER LIMIT AND UVP
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-
free, "Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total
Br + Cl) and <1000ppm antimony compounds.
Description
The PAM8019 is a Stereo 3W Class D audio power amplifier for
driving bridged-tied speakers and includes a Stereo Class AB amplifier
for driving headphones. The advanced 64 step DC volume control
minimizes external components allowing simple and accurate volume
control over the gain range of +20dB (Volume=0V) to -60dB
(Volume=5V).
Integrated
non-clip
power
limit
technology
suppresses
output
automatically with programmable power limit, improving the sound
quality and helping to protect the speakers. Programmable under
voltage protection (UVP) can be used to shut down the PAM8019 at a
pre-determined voltage level helping to eliminate speaker pop by
shutting down before the power supply collapses.
The PAM8019 is available in the power efficient and space saving
U-QFN4040-20.
Pin Assignments
Top View
ROUTN
HPROUT
SD
Bypass
RIN
LOUTN
HPLOUT
VDD
UVP
PL
1
GND
Features
3W Stereo Class D Amplifier with Class AB Headphone Amplifier
Filter Free and Low EMI Architecture
Operating Voltage: 2.8V to 5.5V
Low Quiescent Current of 7mA at a VDD of 5V
64 Step DC Volume Control with Hysteresis from -60dB to +20dB
Output Power
-
Class D Amplifier THD+N=1%
VDD=5V,Load =4
Ω; Po=2.4W / Load =8Ω; Po=1.4W
-
Class D Amplifier THD+N=10%
VDD=5V, Load =4
Ω; Po=3.0W / Load =8Ω; Po=1.7W
-
Class AB Headphone Amplifier
VDD=5V, Load=32
Ω; Po=60mW
Speaker or Headphone Select
Non Clip Power Limit (NCPL) Function
OVP and Programmable UVP Protection
Thermal and Over-Current Protection with Auto-Recovery
Power Enhance Package U-QFN4040-20
Lead Free and Green Devices Available (RoHS Compliant)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green Device (Note 3)
Applications
LCD Monitors and TVs
Projectors / All-In-One Computers
Portable / Active Speakers
Portable DVD Players / Game Machines


Similar Part No. - PAM8019

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8019E DIODES-PAM8019E Datasheet
1Mb / 22P
4W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS-AB HEADPHONE DRIVER WITH ADJUSTABLE DC VOLUME CONTROL, NON-CLIP POWER LIMIT AND SSM
Rev. 1 - 2 May 2024
More results

Similar Description - PAM8019

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
Class AB stereo headphone driver
August 1994
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
Class AB Stereo Headphone Driver
APA2603A ANPEC-APA2603A Datasheet
607Kb / 28P
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2606 ANPEC-APA2606 Datasheet
551Kb / 27P
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
Diodes Incorporated
PAM8009 DIODES-PAM8009 Datasheet
665Kb / 12P
3W STEREO CLASS-D Audio Amplifier and Class AB Headphone Driver (DC VOLUME, UVP and AGC Function)
Rev 1
logo
Anpec Electronics Corop...
APA2603A ANPEC-APA2603A_18 Datasheet
514Kb / 28P
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2604C ANPEC-APA2604C Datasheet
510Kb / 30P
3W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
APA2606 ANPEC-APA2606_17 Datasheet
462Kb / 27P
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
Class AB Stereo Headphone Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com