Electronic Components Datasheet Search
  English  ▼

X  

PAM8019 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PAM8019
Description  3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8019 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PAM8019 Datasheet HTML 4Page - Diodes Incorporated PAM8019 Datasheet HTML 5Page - Diodes Incorporated PAM8019 Datasheet HTML 6Page - Diodes Incorporated PAM8019 Datasheet HTML 7Page - Diodes Incorporated PAM8019 Datasheet HTML 8Page - Diodes Incorporated PAM8019 Datasheet HTML 9Page - Diodes Incorporated PAM8019 Datasheet HTML 10Page - Diodes Incorporated PAM8019 Datasheet HTML 11Page - Diodes Incorporated PAM8019 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PAM8019
Document number: DS38822 Rev. 1 - 2
9 of 12
www.diodes.com
May 2016
© Diodes Incorporated
PAM8019
Application Information
Non Clip Power Limit (NCPL) Function
When output reaches the maximum power setting value, the NCLP circuits will decrease the gain to prevent the output waveform from clipping
helping to prevent speaker damage and maximizing audio performance. The PL pin is used to set and control the NCPL function.
Table 1: NCPL Setting Threshold vs. Output
AGC Function
Output Power
VDD to VDDx0.45 or
PL pin floating
NCPL function disabled
VDD x 0.45 to VDD x 0.27
PO=[[8(1/2 VDD -VPL)^2]/RI] x 0.95
VDD x 0.27 to GND
PO =2.3W (Max. output power 4Ω)
PO =1.2W (Max. output power 8Ω)
Mute Operation
The MUTE pin is an input for controlling the Class-D output state of the PAM8019. A logic low on this pin enables the outputs and logic high on this
pin disables the outputs. This pin may be used to quickly disable or enable the outputs without a volume fade. Quiescent current is listed in the
electrical characteristic table. The MUTE pin can be left floating due to the internal pull-down.
Shutdown Operation
In order to reduce power consumption while not in use, the PAM8019 contains shutdown circuit to turn off the amplifier
’s bias circuit. The amplifier
is turned off when logic low is placed on the
SD pin. The SD pin can be left floating due to the internal pull-up.
Under voltage Protection
External under voltage detection can be used to shut down the PAM8019 before an input device can generate a pop. The shutdown threshold at
the UVP pin is 1.2V. The user selects a resistor divider to obtain the shutdown threshold and hysteresis for the specific application.
The threshold can be determined as below:
With the condition: R3 >> R1//R2
V
UVP = [1.2-(6µA x R3)] x (R1+R2)/ R2
Hysteresis = 5µA x R3 x (R1+R2)/ R2
Power Supply Decoupling
The PAM8019 is a high performance CMOS audio-amplifier that requires adequate power supply decoupling to ensure the THD and PSRR are as
low as possible. Power supply decoupling also prevents oscillation caused by long leads between the amplifier and the speaker. The optimum
decoupling is achieved by using two capacitors of different types that target different types of noise on the power supply leads. A good Low-
Equivalent-Series-Resistance (ESR) ceramic-capacitor of typically 0.1µF is recommended to be placed as close as possible to the VDD pin to filter
the higher frequency transients, spikes or digital hash on the line. Filtering lower-frequency noise signals a large capacitor of 10µF or greater should
be placed near the audio amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com