Electronic Components Datasheet Search
  English  ▼

X  

PAM8019 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # PAM8019
Description  3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8019 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button PAM8019 Datasheet HTML 4Page - Diodes Incorporated PAM8019 Datasheet HTML 5Page - Diodes Incorporated PAM8019 Datasheet HTML 6Page - Diodes Incorporated PAM8019 Datasheet HTML 7Page - Diodes Incorporated PAM8019 Datasheet HTML 8Page - Diodes Incorporated PAM8019 Datasheet HTML 9Page - Diodes Incorporated PAM8019 Datasheet HTML 10Page - Diodes Incorporated PAM8019 Datasheet HTML 11Page - Diodes Incorporated PAM8019 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PAM8019
Document number: DS38822 Rev. 1 - 2
10 of 12
www.diodes.com
May 2016
© Diodes Incorporated
PAM8019
Application Information (Cont.)
Input Capacitor (CI)
It is desirable to use a large input capacitor but in applications where the speaker lacks the ability to reproduce signals below 100Hz to 150Hz it
may be possible to minimize CI without effecting system performance. Input Capacitor (CI) and Input Resistance (RI) of the amplifier form a high-
pass filter with the corner frequency determined equation below:
Fc = 1/ 2πRI x CI
In addition to system cost and size, click and pop performance is affected by the size of the coupling capacitors. A larger in/out coupling capacitor
requires more charge to reach its quiescent DC voltage (Normally 1/2 VDD). This charge comes from the internal circuit via the feedback and is
more likely to create pops upon device enable. Minimizing the capacitor size based on necessary low frequency response can minimize the turn on
pop.
Bypass Capacitor (CBYP)
Bypass Capacitor (CBYP) is the most critical capacitor and serves several important functions. During start-up or recovery from shutdown mode,
CBYP determines the rate at which the amplifier starts up. The second function is to reduce noise produced by the power supply caused by coupling
into the output signal. The noise is from the internal analog reference to the amplifier, which appears as degraded PSRR and THD+N.
A ceramic bypass capacitor (CBYP) of 0.47µF to 1.0µF is recommended for the best THD and noise performance. Increasing the bypass capacitor
reduces clicking and popping noise from power on/off and when entering and leaving shutdown.
Ordering Information
PAM8019 X X – X
Pin Configuration
Package
Product Name
G: 20
R : Tape & Reel
Packing
K:QFN4x4
Part Number
Package
Standard Package
PAM8019KGR
U-QFN4040-20
3000 / Tape and Reel
Marking Information
P8019
XXXYW
Y: Year
W: Week
X: Internal Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com