Electronic Components Datasheet Search
  English  ▼

X  

550D Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 550D
Description  Solid-Electrolyte TANTALEX Capacitors for High Frequency Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

550D Datasheet(HTML) 5 Page - Vishay Siliconix

  550D Datasheet HTML 1Page - Vishay Siliconix 550D Datasheet HTML 2Page - Vishay Siliconix 550D Datasheet HTML 3Page - Vishay Siliconix 550D Datasheet HTML 4Page - Vishay Siliconix 550D Datasheet HTML 5Page - Vishay Siliconix 550D Datasheet HTML 6Page - Vishay Siliconix 550D Datasheet HTML 7Page - Vishay Siliconix 550D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 40017
Revision 11-Nov-04
www.vishay.com
28
550D
Vishay Sprague
For technical questions, contact tantalum@vishay.com
PERFORMANCE CHARACTERISTICS
1.
Operating Temperature: Capacitors are designed
to operate over the temperature range of - 55°C to
+85°C with no derating.
1.1
Capacitors may be operated up to + 125°C with voltage
derating to two-thirds the + 85°C rating.
2.
DC Working Voltage: The DC working voltage is the
maximum operating voltage for continuous duty at the
rated temperature.
3.
Surge Voltage: The surge DC rating is the maximum
voltage to which the capacitors may be subjected
under any conditions, including transients and peak
ripple at the highest line voltage.
3.1
Surge Voltage Test: Capacitors shall withstand the
surge voltage applied in series with a 33 ohm ± 5%
resistor at the rate of one-half minute on, one-half
minute off, at + 85°C, for 1000 successive test cycles.
3.2
Following the surge voltage test, the dissipation factor
and the leakage current shall meet the initial
requirements; the capacitance shall not have changed
more than ± 10%.
4.
Capacitance Tolerance: The capacitance of all
capacitors shall be within the specified tolerance limits
of the nominal rating.
4.1
Capacitance measurements shall be made by means
of polarized capacitance bridge. The polarizing
voltage shall be of such magnitude that there shall be
no reversal of polarity due to the AC component. The
maximum voltage applied to capacitors during
measurement shall be 2 volts rms at 1000Hz at + 25°C.
If the AC voltage applied is less than one-half volt rms,
no DC bias is required. Measurement accuracy of the
bridge shall be within ± 2%.
5.
Capacitance Change With Temperature: The
capacitance change with temperature shall not
exceed the following percentage of the capacitance
measured at + 25%
6.
Dissipation Factor: The dissipation factor,
determined from the expression 2πfRC, shall not
exceed values listed in the Standard Ratings Table.
6.1
Measurements shall be made by the bridge method
at, or referred to, a frequency of 1000Hz and a
temperature of + 25°C.
7.
Leakage Current: Capacitors shall be stabilized at
the rated temperature for 30 minutes. Rated voltage
shall be applied to capacitors for 5 minutes using a
steady source of power (such as a regulated power
supply) with 1000 ohm resistor connected in series with
the capacitor under test to limit the charging current.
Leakage current shall then be measured.
Note that the leakage current varies with applied voltage. See graph
below for the appropriate adjustment factor.
7.1
At + 25
°C, the leakage current shall not exceed the
value listed in the Standard Ratings Table.
7.2
At + 85
°C, the leakage current shall not exceed 10
times the value listed in the Standard Ratings Table.
7.3
At + 125
°C, the leakage current shall not exceed 15
times the value listed in the Standard Ratings Table.
8.
Life Test: Capacitors shall withstand rated DC voltage
applied at + 85°C for 2000 hours or rated DC voltage
applied at + 125°C for 1000 hours.
8.1
Following the life test, the dissipation factor shall meet
the initial requirement; the capacitance change shall
not exceed ± 2%; the leakage current shall not exceed
125% of the original requirement.
- 55°C
- 10%
+ 85°C
+ 8%
+ 125°C
+ 12%
WORKING
SURGE
WORKING
SURGE
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
(V)
(V)
(V)
(V)
68
4
5
10
13
7
9
15
20
10
12
20
26
13
16
35
46
23
28
50
65
33
40
+ 85
°C Rating
+ 125
°C Rating
TYPICAL LEAKAGE CURRENT FACTOR RANGE
1.0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0.008
0.007
0.006
0.005
0.004
0.003
0.002
0.001
0
PERCENT OF RATED VOLTAGE
10
30
20
90
40
50
60
70
80
100
At
+ 25
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com