Electronic Components Datasheet Search
  English  ▼

X  

550D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 550D
Description  Solid-Electrolyte TANTALEX Capacitors for High Frequency Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

550D Datasheet(HTML) 3 Page - Vishay Siliconix

  550D Datasheet HTML 1Page - Vishay Siliconix 550D Datasheet HTML 2Page - Vishay Siliconix 550D Datasheet HTML 3Page - Vishay Siliconix 550D Datasheet HTML 4Page - Vishay Siliconix 550D Datasheet HTML 5Page - Vishay Siliconix 550D Datasheet HTML 6Page - Vishay Siliconix 550D Datasheet HTML 7Page - Vishay Siliconix 550D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 40017
Revision 11-Nov-04
www.vishay.com
26
550D
Vishay Sprague
For technical questions, contact tantalum@vishay.com
LEAD SIZE
TYPE 550D UNITS WITH
INSULATING SLEEVE
CASE
CODE
R
S
1.374 to 3.626
[34.9 to 92.1]
0.750 [19.05]
SECTION "A" - "A"
TAPE AND REEL PACKAGING in inches [millimeters]
13 [330.2]
STANDARD REEL
"A"
"A"
1.126 to 3.07
[28.6 to 78.0]
I.D. REEL HUB
LABEL (4.a)
UNITS PER REEL
B
2.875 ± 0.062
[73.03 ± 1.57]
2.875 ± 0.062
[73.03 ± 1.57]
COMPONENT
SPACING
A
0.400 ± 0.015
[10.16 ± 0.38]
0.400 ± 0.015
[10.16 ± 0.38]
NOM. DIA.
0.025
[0.64]
0.025
[0.64]
AWG NO.
22
22
J (MAX.)
0.822
[20.88]
0.922
[23.42]
L
0.686 ± 0.031
[17.42 ± 0.79]
0.786 ± 0.031
[19.96 ± 0.79]
D
0.289 ± 0.016
[7.34 ± 0.41]
0.351 ± 0.016
[8.92 ± 0.41]
TAPE
SPACING
500
500
0.625
± 0.062
[15.88
± 1.57]
DIA. THRU HOLE
0.125 [3.18] MAX.
B
TAPE SPACING
COMPONENT
SPACING
A
0.031 [0.79] (3.f)
(BOTH SIDES) ( 3.f)
0.250 [6.35] (3.b)
0.047 [1.19] MAX.
OFF CENTER
(1.a)
Solid-Electrolyte TANTALEX
® Capacitors
for High Frequency Power Supplies
STANDARD REEL PACKAGING INFORMATION
1. Component Leads:
a. Component leads shall not be bent beyond 0.047"
[1.19mm] maximum from their nominal position when
measured from the leading edge of the component lead
at the inside tape edge and at the lead egress from the
component.
b. The 'C' dimension shall be governed by the overall length
of the reel packaged component. The distance between
flanges shall be 0.125" to 0.250" [3.18mm to 6.35mm]
greater than the overall component length.
2. Orientation:
a. All polarized components must be oriented to one
direction. The cathode lead tape shall be a color and the
anode lead tape shall be white.
3. Reeling:
a. Components on any reel shall not represent more than
two date codes when date code identification is
required.
b. Component leads shall be positioned between pairs of
0.250" [6.35mm] tape.
c. The disposable reels have hubs with corrugated fiber
board flanges and core or equivalent.
d. A minimum of 12" [304.8mm] leader of tape shall be
provided before the first and after the last component on
the reel.
e. 50 or 60 lb. Kraft paper must be wound between layer of
components as far as necessary for component protection.
Width of paper to be 0.062" to 0.250" [1.57mm to 6.35mm]
less than the 'C' dimension of the reel.
f. A row of components must be centered between tapes
± 0.047" [1.19mm]. In addition, individual components
may deviate from center of component row ± 0.031"
[0.79mm].
g. Staples shall not be used for splicing. Not more than 4
layers of tape shall be used in any splice area and no
tape shall be offset from another by more than 0.031"
[0.79mm] non-cumulative. Tape splices shall overlap at
least 6" [152.4mm] for butt joints and at least 3" [76.2mm]
for lap joints and shall not be weaker than unspliced tape.
Universal splicing clips may also be used.
h. Quantity per reel shall be controlled so that tape
components and cover shall not extend beyond the
smallest dimension of the flange (either across flats or
diameter). Once the quantity per reel for each part number
has been established, future orders for that part number
shall be packaged in that quantity. When order or release
quantity is less than the established quantity, a standard
commercial pack is to be used.
i. A maximum of 0.25% of the components per reel quantity
may be missing without consecutive missing components.
j. Adequate protection must be provided to prevent physical
damage to both reel and components during shipment
and storage.
4. Marking:
a. Minimum reel and carton marking shall consist of the
following: Customer Part Number, Purchase Order No.,
Quantity, Package Date, Manufacturer's name, Electrical
Value, Date Code, Vishay Sprague Part Number and
Country of Origin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com