Electronic Components Datasheet Search
  English  ▼

X  

550D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 550D
Description  Solid-Electrolyte TANTALEX Capacitors for High Frequency Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

550D Datasheet(HTML) 2 Page - Vishay Siliconix

  550D Datasheet HTML 1Page - Vishay Siliconix 550D Datasheet HTML 2Page - Vishay Siliconix 550D Datasheet HTML 3Page - Vishay Siliconix 550D Datasheet HTML 4Page - Vishay Siliconix 550D Datasheet HTML 5Page - Vishay Siliconix 550D Datasheet HTML 6Page - Vishay Siliconix 550D Datasheet HTML 7Page - Vishay Siliconix 550D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
25
550D
Vishay Sprague
Document Number: 40017
Revision 11-Nov-04
For technical questions, contact tantalum@vishay.com
0.300
0.275
0.250
0.230
0.210
0.190
0.175
0.160
*Insert capacitance tolerance code "X5" for ± 5% units (special order).
R
R
R
R
R
R
R
S
6 WVDC @ + 85
°C, SURGE = 8 V . . . 4 WVDC @ + 125°C, SURGE = 5 V
10 WVDC @ + 85
°C, SURGE = 13 V . . . 7 WVDC @ + 125°C, SURGE = 9 V
82
100
120
150
180
220
15 WVDC @ + 85
°C, SURGE = 20 V . . . 10 WVDC @ + 125°C, SURGE = 12 V
56
68
82
100
120
150
20 WVDC @ + 85
°C, SURGE = 26 V . . . 13 WVDC @ + 125°C, SURGE = 16 V
27
33
39
47
56
68
82
100
35 WVDC @ + 85
°C, SURGE = 46 V . . . 23 WVDC @ + 125°C, SURGE = 28 V
8.2
10
12
15
18
22
27
33
39
47
50 WVDC @ + 85
°C, SURGE = 65 V . . . 33 WVDC @ + 125°C, SURGE = 40 V
550D825X0035R2
550D106X0035R2
550D126X0035R2
550D156X0035R2
550D186X0035R2
550D226X0035R2
550D276X0035S2
550D336X0035S2
550D396X0035S2
550D476X0035S2
550D825X9035R2
550D106X9035R2
550D126X9035R2
550D156X9035R2
550D186X9035R2
550D226X9035R2
550D276X9035S2
550D336X9035S2
550D396X9035S2
550D476X9035S2
550D566X9015R2
550D686X9015R2
550D826X9015S2
550D107X9015S2
550D127X9015S2
550D157X9015S2
8
10
12
15
18
20
CAPACITANCE
(
µF)
CASE
CODE
MAX. DCL
@ + 25
°C
(
µA)
MAX. ESR
@ + 25
°C
100kHz
(Ohms)
MAX. DF
@ + 25
°C
1kHz
(%)
PART NUMBER*
CAP. TOL.
± 20%
PART NUMBER*
CAP. TOL.
± 10%
R
R
R
S
S
S
550D826X0010R2
550D107X0010R2
550D127X0010R2
550D157X0010S2
550D187X0010S2
550D227X0010S2
550D826X9010R2
550D107X9010R2
550D127X9010R2
550D157X9010S2
550D187X9010S2
550D227X9010S2
8
10
12
15
18
20
8
8
8
8
8
10
0.085
0.075
0.070
0.065
0.060
0.055
150
180
220
270
330
R
R
S
S
S
550D157X0006R2
550D187X0006R2
550D227X0006S2
550D277X0006S2
550D337X0006S2
550D157X9006R2
550D187X9006R2
550D227X9006S2
550D277X9006S2
550D337X9006S2
9
11
12
13
15
10
10
10
10
12
0.065
0.060
0.055
0.050
0.045
0.100
0.095
0.085
0.075
0.070
0.065
6
6
6
8
8
8
550D566X0015R2
550D686X0015R2
550D826X0015S2
550D107X0015S2
550D127X0015S2
550D157X0015S2
R
R
S
S
S
S
R
R
R
R
S
S
S
S
550D276X0020R2
550D336X0020R2
550D396X0020R2
550D476X0020R2
550D566X0020S2
550D686X0020S2
550D826X0020S2
550D107X0020S2
550D276X9020R2
550D336X9020R2
550D396X9020R2
550D476X9020R2
550D566X9020S2
550D686X9020S2
550D826X9020S2
550D107X9020S2
5
7
8
9
11
14
16
20
5
5
5
6
6
6
6
8
0.145
0.130
0.120
0.110
0.100
0.095
0.085
0.075
0.250
0.230
0.210
0.190
0.175
0.160
0.145
0.130
0.120
0.110
4
4
4
4
4
4
4
5
5
5
3
4
4
5
6
8
9
11
14
16
R
R
R
R
R
R
S
S
S
S
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
550D565X0050R2
550D685X0050R2
550D825X0050R2
550D106X0050R2
550D126X0050R2
550D156X0050R2
550D186X0050R2
550D226X0050S2
550D565X9050R2
550D685X9050R2
550D825X9050R2
550D106X9050R2
550D126X9050R2
550D156X9050R2
550D186X9050R2
550D226X9050S2
4
4
5
5
6
8
9
11
3
3
3
3
3
3
4
4
STANDARD RATINGS
Solid-Electrolyte TANTALEX
® Capacitors
for High Frequency Power Supplies



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com