Electronic Components Datasheet Search
  English  ▼

X  

550D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 550D
Description  Solid-Electrolyte TANTALEX Capacitors for High Frequency Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

550D Datasheet(HTML) 1 Page - Vishay Siliconix

  550D Datasheet HTML 1Page - Vishay Siliconix 550D Datasheet HTML 2Page - Vishay Siliconix 550D Datasheet HTML 3Page - Vishay Siliconix 550D Datasheet HTML 4Page - Vishay Siliconix 550D Datasheet HTML 5Page - Vishay Siliconix 550D Datasheet HTML 6Page - Vishay Siliconix 550D Datasheet HTML 7Page - Vishay Siliconix 550D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 40017
Revision 11-Nov-04
www.vishay.com
24
550D
Vishay Sprague
For technical questions, contact tantalum@vishay.com
ORDERING INFORMATION
550D
MODEL
This is expressed in picofarads. The
first two digits are the significant figures.
The third is the number of zeros to
follow. Standard capacitance ratings
are in accordance with EIA preferred
number series wherever possible.
157
CAPACITANCE
X0 = ± 20%
X9 = ± 10%
X5 = ± 5%
Special Order.
X0
CAPACITANCE
TOLERANCE
This is expressed in
volts. To complete the
three-digit block, zeros
precede the voltage
rating.
006
DC VOLTAGE
RATING AT + 85°C
See Ratings
and Case
Codes Table.
R
CASE
CODE
2
STYLE NUMBER
2 = Insulated
sleeve.
T = Tape and Reel
T
PACKAGING
*When a shrink-fitted insulation is used, it shall lap over the ends of the capacitor body.
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55°C to + 85°C. (To + 125°C
with voltage derating.)
Capacitance Tolerance: At 120 Hz, + 25°C. ± 20% and
± 10% standard. ± 5% available as a special.
Dissipation Factor: At 120 Hz, + 25°C. Dissipation factor,
as determined from the expression 2πfRC, shall not exceed
the values listed in the Standard Ratings Tables.
DC Leakage Current (DCL Max.):
At + 25
°C: Leakage current shall not exceed the values
listed in the Standard Ratings Tables.
Solid-Electrolyte TANTALEX
® Capacitors
for High Frequency Power Supplies
DIMENSIONS in inches [millimeters]
D
Dia.
L
J
Max.
Solid Tinned
Leads
0.047 [1.19] Max.
0.125 [3.18] Max.
WITH INSULATING SLEEVE*
LEAD SIZE
CASE CODE
R
S
D
0.289 ± 0.016
[7.34 ± 0.41]
0.351 ± 0.016
[8.92 ± 0.41]
L
0.686 ± 0.031
[17.42 ± 0.79]
0.786 ± 0.031
[19.96 ± 0.79]
AWG NO.
22
22
J (MAX.)
0.822
[20.88]
0.922
[23.42]
NOM. DIA.
0.025
[0.64]
0.025
[0.64]
1.500
± 0.250
[38.10
± 6.35]
1.500
± 0.250
[38.10
± 6.35]
FEATURES
• Hermetically-sealed, axial-lead solid tantalum capacitors
• Small size and long life
• Exceptional capacitance stability and excellent resistance
to severe environmental conditions
• The military equivalent is the CSR21 which is qualified to
MIL-C-39003/09
APPLICATIONS
Designed for power supply filtering applications at above
100kHz
At + 85
°C: Leakage current shall not exceed 10 times the
values listed in the Standard Ratings Tables.
At +125
°C: Leakage current shall not exceed 15 times the
values listed in the Standard Ratings Tables.
Life Test: Capacitors shall withstand rated DC voltage
applied at + 85°C for 2000 hours or derated DC voltage
applied at + 125°C for 1000 hours.
Following the life test:
1. DCL shall not exceed 125% of the initial requirement.
2. Dissipation Factor shall meet the initial requirement.
3. Change in capacitance shall not exceed ± 5%.


Similar Part No. - 550D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
550D VISHAY-550D Datasheet
148Kb / 9P
Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
28-Aug-08
550D106X0035R2 VISHAY-550D106X0035R2 Datasheet
148Kb / 9P
Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
28-Aug-08
550D106X0050R2 VISHAY-550D106X0050R2 Datasheet
148Kb / 9P
Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
28-Aug-08
550D106X9035R2 VISHAY-550D106X9035R2 Datasheet
148Kb / 9P
Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
28-Aug-08
550D106X9050R2 VISHAY-550D106X9050R2 Datasheet
148Kb / 9P
Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
28-Aug-08
More results

Similar Description - 550D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150D VISHAY-150D Datasheet
72Kb / 9P
Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
16-Jan-08
173D VISHAY-173D Datasheet
81Kb / 6P
Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
13-Jun-02
550D VISHAY-550D_08 Datasheet
148Kb / 9P
Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
28-Aug-08
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX Capacitors
29-Nov-12
173D107X9020YWE3 VISHAY-173D107X9020YWE3 Datasheet
114Kb / 10P
Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
05-Apr-12
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
152D VISHAY-152D Datasheet
153Kb / 11P
Solid-Electrolyte TANTALEX™ Capacitors, Extended Capacitance Values, Hermetically-Sealed
17-Aug-2020
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
Solid-Electrolyte TANTALEX™ Capacitors, Military MIL-PRF-39003/09 Qualified, Style CSR21
05-Aug-2020
199D VISHAY-199D_V01 Datasheet
119Kb / 8P
olid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
04-Aug-2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com