Electronic Components Datasheet Search
  English  ▼

X  

ML2500 Datasheet(PDF) 3 Page - OKI electronic componets

Part # ML2500
Description  Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2500 Datasheet(HTML) 3 Page - OKI electronic componets

  ML2500 Datasheet HTML 1Page - OKI electronic componets ML2500 Datasheet HTML 2Page - OKI electronic componets ML2500 Datasheet HTML 3Page - OKI electronic componets ML2500 Datasheet HTML 4Page - OKI electronic componets ML2500 Datasheet HTML 5Page - OKI electronic componets ML2500 Datasheet HTML 6Page - OKI electronic componets ML2500 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
¡ Semiconductor
ML2500
3/7
FEDL2500-01
PIN DESCRIPTIONS
Symbol
Type
Description
DI
I
Serial input pin for command data.
CS
I
Chip select pin. "L" level input enables data input/output through the serial
interface.
RESET
I
RESET input pin, resetting the serial interface circuit only. "L" level input to
this pin initializes the serial interface. Must input "L" pulse after each power-on.
ROSC
I
Insert a 30 kW resistor (Precision within ±1%) between this pin and the DGND pin.
The same resistor should also be inserted if an external clock is used.
The resistor value determines the frequency of the clock for control in this device.
SG
O
Analog reference voltage (Signal Ground Voltage) output pin. It is
recommendable to insert a capacitor smaller than 3300 pF between this pin and
the AGND pin. Loads except for capacitors should not be connected to this pin.
LIN
I
Inverting input pin for the internal OP amplifier. Non-inverting input pin is
internally connected to SG voltage.
MON
O
Output "H" level during recording/playback operation.
TEST1
I
LSI's testing pin. Must be connected to DGND.
Pin
5
3
2
15
26
31
7
24
DO
O
Serial output pin for status data.
6
SCK
I
Shift clock input pin for the DI and the DO pins.
4
EXTCLK
I
External clock input pin. Allowable clock frequency range is 4.0 MHz to 8.192
MHz. When external clock is unused and internal oscillation clock in used,
connect this pin to the DGND.
8
LOUT
O
Output pin from the internal OP amplifier.
30
AOUT
O
Analog waveform output. Connect to an amplifier to drive a SP.
27
TEST2
O
Pins for testing the LSI. Must be held "OPEN".
11, 13, 18,
20, 22, 28, 29
DVDD
—
Digital power supply pin. Insert a 0.1 mF or larger by-pass capacitor between
this pin and the DGND pin .
1
DGND
—
Digital Ground pin.
16
AVDD
—
Analog power supply pin. Insert a 0.1 mF or larger by-pass capacitor between
this pin and the AGND pin.
32
AGND
—
Analog Ground pin.
17



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com