Electronic Components Datasheet Search
  English  ▼

X  

ML2500 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML2500
Description  Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2500 Datasheet(HTML) 1 Page - OKI electronic componets

  ML2500 Datasheet HTML 1Page - OKI electronic componets ML2500 Datasheet HTML 2Page - OKI electronic componets ML2500 Datasheet HTML 3Page - OKI electronic componets ML2500 Datasheet HTML 4Page - OKI electronic componets ML2500 Datasheet HTML 5Page - OKI electronic componets ML2500 Datasheet HTML 6Page - OKI electronic componets ML2500 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
¡ Semiconductor
ML2500
1/7
FEDL2500-01
¡ Semiconductor
ML2500
Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
This document contains minimum specifications. For full specifications, please contact your
nearest Oki office or representative.
GENERAL DESCRIPTION
Thanks to newly developed Analog Multi-Level Storage technology, ML2500 stores non-
compressed analog source signal directly into on-chip 1M Bit-Cell Flash memory. The result is
superb sound quality without noise and distortions introduced through coding/decoding, and
impressive long-time record/playback capability up to 256 sec. ML2500 is fully controllable by
an external MCU via the industry's standard Serial Peripheral Interface.
In addition, no backup requirement and low operating voltage (2.7 to 3.3 V) make the LSI an ideal
choice for compact, handy and portable terminals. ML2500 is a true shingle-chip solution to
record/playback subsystem for use with today's size-critical electronic products.
FEATURES
• On-chip non-volatile 1M bit-cell Flash memory
Program/Erase Cycles
: 10,000 cycles
Data Retention
: 10 years
• MCU Interface
Serial Peripheral Interface (SPI; Mode 0)
• Record/Playback Time Length (With the int. Osc. or ext. clock at 8.192 MHz)
ap. 160 sec (At fsam = 6.4 kHz)
ap. 190 sec (At fsam = 5.3 kHz)
ap. 256 sec (At fsam = 4.0 kHz)
• Selectable Sampling Frequencies
4.0 kHz, 5.3 kHz, 6.4 kHz
• Maximum number of recording phrases: 320 phrases
• Phrase Control
Fully controllable with user-definable Start, Stop addresses
• Built-in LPF/Smoothing Filter (LPF attenuation –40dB/oct)
• Built-in Oscillation Circuit (8.192 MHz), No oscillator required
Optional external clock input (Clock Frequency 4.0 MHz to 8.192 MHz)
• Power Supply
: 2.7 to 3.3 V
• Operating Temperature:
–10 to +70
°C (guaranteed for both function and voice quality)
–40 to +85
°C (guaranteed for function only) *Notice
*Notice
The voice quality can deteriorate at temperatures beyond the range of –10 to +70
°C.
DC and AC characteristics in this data sheet are specified for –10 to +70
°C operating
temperature range.
• Package:
32-pin Plastic TSOP (TSOPI32-P-814-0.50-1K) (Product name: ML2500TA)
FEDL2500-01
This version: Jul. 2000
Previous version: Jun. 1999


Similar Part No. - ML2500

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2500B OKI-ML2500B Datasheet
243Kb / 27P
Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
ML2500BTA OKI-ML2500BTA Datasheet
243Kb / 27P
Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
More results

Similar Description - ML2500

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2502 OKI-ML2502 Datasheet
117Kb / 20P
128Kbit Analog Cell Storage Flash Memory Revision 8.0 Apr. 01, 1999
logo
Winbond
ISD5100 WINBOND-ISD5100 Datasheet
612Kb / 88P
SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
OKI electronic componet...
ML2500B OKI-ML2500B Datasheet
243Kb / 27P
Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
logo
Nuvoton Technology Corp...
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com