Electronic Components Datasheet Search
  English  ▼

X  

ML2500 Datasheet(PDF) 4 Page - OKI electronic componets

Part # ML2500
Description  Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2500 Datasheet(HTML) 4 Page - OKI electronic componets

  ML2500 Datasheet HTML 1Page - OKI electronic componets ML2500 Datasheet HTML 2Page - OKI electronic componets ML2500 Datasheet HTML 3Page - OKI electronic componets ML2500 Datasheet HTML 4Page - OKI electronic componets ML2500 Datasheet HTML 5Page - OKI electronic componets ML2500 Datasheet HTML 6Page - OKI electronic componets ML2500 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
¡ Semiconductor
ML2500
4/7
FEDL2500-01
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
VDD
Ta = 25°C
–0.3 to +5.0
V
Input Voltage
VIN
–0.3 to VDD+0.3
V
Storage Temperature
TSTG
—
–55 to +150
°C
Parameter
Symbol
Condition
Range
Unit
Power Supply Voltage
VDD
DGND = AGND = 0V
2.7 to 3.3
V
Operating Temperature
Top
—
–10 to +70
°C
External Clock Frequency 2
fEXTCLK2
—
8.192
MHz
*1
External Clock Frequency 1
fEXTCLK1
—
4.096
MHz
*1
Typ.
Min.
Max.
3.85
4.34
7.70
8.68
Parameter
Symbol
Condition
Typ.
Unit
"H" Input Voltage
VIH
DGND = AGND = 0V
—
V
"L" Input Voltage
VIL
——
V
*2
Min.
0.8 ¥ VDD
—
Max.
—
0.2 ¥ VDD
"H" Output Voltage
VOH
IOH = –40mA—
V
"L" Output Voltage
VOL
IOL = 2mA
—
V
VDD – 0.3
—
—
0.45
*1
*1
*2
"H" Input Current
IIH
VIH = VDD
—
mA
"L" Input Current
IIL
VIL = 0V
—
mA
–10
10
—
Operating Current Consumption 1
IDD1
In Recording Operation
30
mA
—45
*1
*1
—
Operating Current Consumption 2
IDD2
In Playback Operation
20
mA
—30
Operating Current Consumption 3
IDD3
In Command-Wait State
5
mA
—10
Powerdown Current Consumption
IDDS
——
mA
—10
DVDD = AVDD = 2.7 V to 3.3 V, DGND = AGND = 0 V, Ta = –10 to +70°C
*1: Applied to logic input pins (DI, SCK, CS, RESET and EXTCLK) except ROSC and TEST1 pins.
*2: Applied to logic output pins (DO and MON) except TEST2 pin.
*1: Applicable only with external clock



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com