Electronic Components Datasheet Search
  English  ▼

X  

AP3118 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3118
Description  HIGH-PERFORMANCE MULTI-MODE PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3118 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3118 Datasheet HTML 1Page - Diodes Incorporated AP3118 Datasheet HTML 2Page - Diodes Incorporated AP3118 Datasheet HTML 3Page - Diodes Incorporated AP3118 Datasheet HTML 4Page - Diodes Incorporated AP3118 Datasheet HTML 5Page - Diodes Incorporated AP3118 Datasheet HTML 6Page - Diodes Incorporated AP3118 Datasheet HTML 7Page - Diodes Incorporated AP3118 Datasheet HTML 8Page - Diodes Incorporated AP3118 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AP3118
Document number: DS39915 Rev. 5 - 2
1 of 17
www.diodes.com
July 2018
© Diodes Incorporated
AP3118
HIGH-PERFORMANCE MULTI-MODE PWM CONTROLLER
Description
The AP3118 is a Current Mode PWM controller specially designed for
offline power supply that requires ultra-low standby power, high-
power density and comprehensive protection. Coordinating with
secondary USB PD controller, which can provide a total USB PD
solution.
The PWM switching frequency at normal operation is internally fixed
(about 65kHz). At middle load, the IC will enter green mode, and the
switching frequency will smoothly decrease along with the decreasing
load. A minimum switching frequency (about 25kHz) is set to avoid
the audible noise. AP3118 supports transient peak power excursion.
At peak load, the frequency will be increased from 65kHz to 120kHZ
to meet the requirement of output power. The duration time is
internally set to 30ms. At no load or light load, the IC will enter the
burst mode to minimize standby power. Furthermore, the frequency
dithering function is built-in to reduce EMI emission in normal and
green mode.
The AP3118 provides an inner high-voltage start-up function through
HV pin which can reduce the standby loss. The HV pin also realizes
X-CAP discharge function. When an X-CAP is connected to a system,
it will discharge the X-CAP when the AC line voltage is off
automatically without the need for extra discharge resistors.
The AP3118 integrates a VCC LDO circuitry, allowing the LDO to
regulate the wide range VCC_IN to an acceptable value. This makes
the AP3118 a good choice in wide range output voltage application.
There are also versatile system protections provided by AP3118,
such as secondary side OVP, secondary side UVP, constant output
current limit, cycle-by-cycle current limit (OCP), brown-out protection,
programmable external OTP, etc.
Features
Current Mode Control
High-Voltage Startup
Frequency Fold Back for High Average Efficiency
130k Maximum Frequency for Peak Load
Two Levels Timer Control for OLP and SCP
Audible Noise Free
Green-Mode Control
Embedded VCC LDO to Guarantee Wide Range VCC_IN Voltage
Constant Output Current in Output Short Situation
Low VCC Charge Current Reduces Standby Power in Output
Short Situation
Internal Slope Compensation
Soft Start During Startup Process
VCC Maintain Mode
X-CAP Discharge Function
Precise Secondary Side OVP and UVP
Programmable External OTP
Brown-Out Protection
Overload Protection
FOCP and SSCP Protection
Useful Pin Fault Protection
SSOP-9 (Type CJ) is Available
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
SSOP-9 (Type CJ)
Applications
Switching AC-DC Adapter/Charger
Open Frame Switching Power Supply
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP3118

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP31-020 ETC-AP31-020 Datasheet
1Mb / 14P
MINI-BEAM® DC Voltage Series Sensor
AP31-020H ETC-AP31-020H Datasheet
1Mb / 14P
MINI-BEAM® DC Voltage Series Sensor
AP31-020V ETC-AP31-020V Datasheet
1Mb / 14P
MINI-BEAM® DC Voltage Series Sensor
AP31-040 ETC-AP31-040 Datasheet
1Mb / 14P
MINI-BEAM® DC Voltage Series Sensor
AP31-040H ETC-AP31-040H Datasheet
1Mb / 14P
MINI-BEAM® DC Voltage Series Sensor
More results

Similar Description - AP3118

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Sep-2001
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A Datasheet
344Kb / 20P
HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
SC4905A SEMTECH-SC4905A_06 Datasheet
365Kb / 24P
High Performance Voltage Mode PWM Controller
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Micrel Semiconductor
MIC2111 MICREL-MIC2111 Datasheet
95Kb / 2P
Single-Phase, Multi-Mode, High-Performance, Step-Down PWM Controller
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
Diodes Incorporated
AP3108L DIODES-AP3108L Datasheet
1Mb / 16P
HIGH-PERFORMANCE GREEN MODE PWM CONTROLLER
Rev 4
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com