Electronic Components Datasheet Search
  English  ▼

X  

AP3118 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP3118
Description  HIGH-PERFORMANCE MULTI-MODE PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3118 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP3118 Datasheet HTML 8Page - Diodes Incorporated AP3118 Datasheet HTML 9Page - Diodes Incorporated AP3118 Datasheet HTML 10Page - Diodes Incorporated AP3118 Datasheet HTML 11Page - Diodes Incorporated AP3118 Datasheet HTML 12Page - Diodes Incorporated AP3118 Datasheet HTML 13Page - Diodes Incorporated AP3118 Datasheet HTML 14Page - Diodes Incorporated AP3118 Datasheet HTML 15Page - Diodes Incorporated AP3118 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AP3118
Document number: DS39915 Rev. 5 - 2
12 of 17
www.diodes.com
July 2018
© Diodes Incorporated
AP3118
Operation Principle Description (Cont.)
HV Start-Up Circuit
A built-in HV Start-Up circuit in AP3118 can help to simplify the power system design for ultra low standby application. For AP3118, there are two
HV Start-Up charging current: the ICHARGE-L when VCC is lower than 3V and the ICHARGE-H when the VCC voltage rises above 3V, which can
prevent the IC from overheat when VCC short- to-GND fault happens. The HV Start-Up circuit will stop working and has no additional power
dissipation when VCC voltage reaches the VST, at which the AP3118 starts working and will supply energy to VCC from auxiliary winding.
However, the charging process described above is only for the normal system startup condition. Once some system faults occur and the
protection process is triggered, AP3118 will shut down and VCC voltage will begin to decrease. The HV Start-Up circuit starts working again when
VCC voltage decreases below VCC-UVLO, and charges the VCC capacitor with current of ICHARGE-FAULT. This special design can reduce hugely the
input power dissipation when system fault happens, especially for output short condition. The HV Start-Up circuit working processes is illustrated
in Figure 6.
S
If Fault Occurs
GATE
Vcc
I_CHG
VST
VCC-UVLO
3V
I CHARGE-L
I CHARGE - H
I CHARGE-FAULT
I CHARGE-H
0mA
0mA
Figure 6
X-CAP Discharge Function
For the higher power application, to attenuate the differential mode noise, an X-CAP is usually used before the rectifier bridge, and there are
paralleled resistors to discharge the X-CAP for safety consideration when the AC line is off. The paralleled resistors have large power dissipation
and will increase the standby power. The AP3118 integrates an X-CAP discharge function to replace discharge resistors and decreases the
standby power.
This function contains two processes; the first process detects the condition of the AC line through HV Pin, this detected voltage is named as Vb .
When the system is plugged in, an inner timer of 40ms within the AP3118 begins to work, meanwhile, a phase-drifted and filtered signal Vc is
generated based on Vb, compare Vb with Vc ,as shown in Figure 7.
Whenever signal Vc crosses over with signal Vb, the inner 40ms timer will be reset which represents the AC line is on. If the system is
disconnected from AC line, the cross-over signal of Vc and Vb will disappear and the 40ms timer will continue to count until it reaches 40ms, at
this moment, the discharge process will come into effect and a 1.7mA discharge current will flow through HV pin to GND lasting for 40ms. After the
AC line is off, the first process and the second process will act alternately until the HV Pin voltage is discharged below 10V even when the VCC
voltage is lower than VCC-UVLO.
Vb
Vc
Timer
Reset
IDISCH-X
X-CAP Discharge Current
0mA
40ms
0mA
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com