Electronic Components Datasheet Search
  English  ▼

X  

AP3118 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3118
Description  HIGH-PERFORMANCE MULTI-MODE PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3118 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3118 Datasheet HTML 7Page - Diodes Incorporated AP3118 Datasheet HTML 8Page - Diodes Incorporated AP3118 Datasheet HTML 9Page - Diodes Incorporated AP3118 Datasheet HTML 10Page - Diodes Incorporated AP3118 Datasheet HTML 11Page - Diodes Incorporated AP3118 Datasheet HTML 12Page - Diodes Incorporated AP3118 Datasheet HTML 13Page - Diodes Incorporated AP3118 Datasheet HTML 14Page - Diodes Incorporated AP3118 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AP3118
Document number: DS39915 Rev. 5 - 2
11 of 17
www.diodes.com
July 2018
© Diodes Incorporated
AP3118
Operation Principle Description (Cont.)
Where
is the primary current sense resistor,
is the middle voltage of the current sense voltage across
,
is the primary winding turns,
is the secondary winding turns,
is the conduction time of secondary rectifier, t is the switching period of the system. To get a constant
output current, the product of
and
is kept as a constant value equaling to VREF, so the output current equation can be rearranged as:
Where KCC is 1/8, an inner parameter used to balance the relationship between the current sense voltage and output current.
The AP3118 samples the middle current of the primary side to calculate the output current. The detecting time takes the GATE signal as the
reference shown as Figure 4, at the half-on time of the GATE, the AP3118 will record the VCS value as
. In the actual system, the primary
current will be greatly impacted by the turn-off delay time which mainly contains MOSFET charging time, resulting in an error between the
detected
and the actual
. The error varies depending on line voltage, generally increasing with the line voltage. To get a precise
and
keep the output current constant, the AP3118 adopts a line compensation technology and the control block is illustrated in Figure 5. The current
flowing through R1 when the primary MOSFET is on. Scale down the current and multiply it with RC and RF, then a compensation signal is formed.
The external resistor R1 can be used to adjust the compensation according to different delay time. The calculating formula is:
Where LP is the inductance of the transformer, tD is the turn-off delay time, NA is the auxiliary winding turns, NP is the primary winding turns, RC is
the inner compensation resistor which is 5k
, RF is the filter resistor of SENSE pin, RCS is the primary-current sense resistor, m is the inner
proportional parameter which is 21.
tD
Compensated Value
GATE
VGS
IPK_PR
Detected VCSM
Actual VCSM
Figure 4
VDD
HV
VCSM
Sample
Block
Output
Current
Calculation
VCSM
SENSE
DEM
GND
VAUX
Rc
m:1
R1
R2
Rcs
RF
CF
Figure 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com