Electronic Components Datasheet Search
  English  ▼

X  

AP3118 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP3118
Description  HIGH-PERFORMANCE MULTI-MODE PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3118 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP3118 Datasheet HTML 9Page - Diodes Incorporated AP3118 Datasheet HTML 10Page - Diodes Incorporated AP3118 Datasheet HTML 11Page - Diodes Incorporated AP3118 Datasheet HTML 12Page - Diodes Incorporated AP3118 Datasheet HTML 13Page - Diodes Incorporated AP3118 Datasheet HTML 14Page - Diodes Incorporated AP3118 Datasheet HTML 15Page - Diodes Incorporated AP3118 Datasheet HTML 16Page - Diodes Incorporated AP3118 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AP3118
Document number: DS39915 Rev. 5 - 2
14 of 17
www.diodes.com
July 2018
© Diodes Incorporated
AP3118
Operation Principle Description (Cont.)
VCC Maintain Mode
During light-load or transient-load condition, VFB will drop and be lower than VBURST, thus the PWM drive signal will be stopped, and there is no
energy transferring to the output. Therefore, the IC VCC supply voltage may decrease to the UVLO threshold voltage and system may enter the
unexpected restart mode. To avoid this, the AP3118 holds a so-called VCC maintain mode which can supply energy to VCC.
When VCC decreases to a setting threshold as VHOLD-ENTRY, the VCC maintain mode will be awaked and a charging current of ICHARGE-H will flow
to the VCC Pin. With VCC maintain mode, the VCC is not easy to touch the shutdown threshold during the startup process and transient load
condition. This will also simplify the system design. The minimum VCC voltage is suggested to be designed a little higher than VCC maintain
threshold thus can achieve the best balance between the power loss and step load performance.
Leading-Edge Blanking Time
A narrow spike on the leading edge of the current waveform can usually be observed when the power MOSFET is turned on. A 250ns leading-
edge blank is built-in to prevent the false-trigger caused by the turn-on spike. During this period, the current limit comparator and the PWM
comparator are disabled and the gate driver cannot be switched off.
At the time of turning-off the MOSFET, a negative undershoot (maybe larger than -0.3V) can occur on the SENSE pin. So it is strongly
recommended to add a small RC filter or at least connect a resistor “R” on this pin to protect the IC (Shown as Figure 8).
SENSE
GATE
Large undershoot (more than
-0.3V) may damage the SENSE pin
R
C
Necessary
Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com