Electronic Components Datasheet Search
  English  ▼

X  

AP3302 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3302
Description  QUASI-RESONANT PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3302 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3302 Datasheet HTML 2Page - Diodes Incorporated AP3302 Datasheet HTML 3Page - Diodes Incorporated AP3302 Datasheet HTML 4Page - Diodes Incorporated AP3302 Datasheet HTML 5Page - Diodes Incorporated AP3302 Datasheet HTML 6Page - Diodes Incorporated AP3302 Datasheet HTML 7Page - Diodes Incorporated AP3302 Datasheet HTML 8Page - Diodes Incorporated AP3302 Datasheet HTML 9Page - Diodes Incorporated AP3302 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AP3302
Document number:DS38882 Rev. 4 - 2
6 of 17
www.diodes.com
March 2017
© Diodes Incorporated
AP3302
Electrical Characteristics (Cont.) (@TA = -40 to +85°C, VCC = 18V, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Output Section (GATE Pin)
VGATE-L
Output Low Level
IO = 20mA, VCC = 12V
–
–
1
V
VGATE-H
Output High Level
IO = 20mA, VCC = 12V
8
–
–
V
VGATE-CLP
Output Clamping Voltage
–
11
13
15
V
tGATE-RISE
Rising Time (Note 6)
CL = 1nF, VCC = 13V
–
140
230
ns
tGATE-FALL
Falling Time (Note 6)
CL = 1nF, VCC = 13V
–
50
120
ns
Demagnetization Section (DEM Pin)
VTH-DEM
De-Magnetization
Voltage(Note 6)
–
–
75
–
mV
IBNI
Brown In Reference
–
70
78
86
μA
IBNO
Brown Out Reference
–
72
79
84
μA
VTH-SOVP
SOVP Threshold
–
4.05
4.2
4.35
V
VTH-SUVP
SUVP Threshold (Note 6)
–
–
1
–
V
tSAMPLE
Sample Delay Time (Note
6)
–
–
1.85
–
µs
Delay Time Section
tDELAY-BNO
Brown Out Debounce
Time
–
–
50
–
ms
tDELAY-HICCUP
Delay of Hiccup Protection
(Note 6)
SOVP, SUVP, V
cc OVP
–
6
–
Cycles
tBLANK-SUVP
SUVP Blank Time After
Startup
–
–
30
–
ms
Internal OTP Section
OTP
OTP Threshold (Note 6)
–
–
+150
–
°C
THYS
OTP Recovery Hysteresis
(Note 6)
–
–
+125
–
°C
Notes:
5. Data measured in IC test mode.
6. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com