Electronic Components Datasheet Search
  English  ▼

X  

AP3302 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP3302
Description  QUASI-RESONANT PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3302 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP3302 Datasheet HTML 8Page - Diodes Incorporated AP3302 Datasheet HTML 9Page - Diodes Incorporated AP3302 Datasheet HTML 10Page - Diodes Incorporated AP3302 Datasheet HTML 11Page - Diodes Incorporated AP3302 Datasheet HTML 12Page - Diodes Incorporated AP3302 Datasheet HTML 13Page - Diodes Incorporated AP3302 Datasheet HTML 14Page - Diodes Incorporated AP3302 Datasheet HTML 15Page - Diodes Incorporated AP3302 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AP3302
Document number:DS38882 Rev. 4 - 2
12 of 17
www.diodes.com
March 2017
© Diodes Incorporated
AP3302
Operation Description (Cont.)
DEM
3
Line Voltage
Detector
Auxiliary
4
RDEM
RSOVP
RBNO
ROPP
OCP
VREF1
BNO
VREF_H
VREF_L
21
1
1
:
HV
Gate
Rs
RF
CF
SENSE
Inside AP3302
SOVP
4.2V
SUVP
1V
IDEM
Vs
Figure 5
Constant Over Current Protection
Cycle-by-cycle current limit is a popular method to achieve output over current protection. Actually, the turn-off delay of the MOSFET and the
higher switching frequency always result in the higher OCP current at high line voltage. To obtain a constant OCP current value with universal
input voltage, AP3302 adopts an effective line compensation circuitry. The function block is illustrated in figure 5. The current
which reflects
line voltage is scaled down and inversed to
within AP3302, this
flows through the inner compensation resistor
and an external
compensation resistor
, and then the final line compensation voltage is formed as
As above formula indicates, changing the compensation voltage at different line voltage is a good way to balance the OCP current. In a real
system, usually keep the
value fixed when the BNO voltage is set up, to change the line compensation voltage, a good solution is to change
. Whenever the
is changed, adjust the
at the same time to offer an enough RC time to filter the spike on SENSE pin.
Secondary OVP and UVP
The AP3302 provides output OVP and UVP protection function. The auxiliary winding voltage during secondary rectifier conducting period reflects
the output voltage. Refer to figure 5,a voltage divider network containing
and
is connected to the auxiliary winding and DEM Pin, the
DEM Pin will detect the equivalent output voltage with a delay of tSAMPLE from the falling edge of GATE driver signal, as shown in figure 6. The
detected voltage will be compared to the SOVP and SUVP threshold voltage VTH-SOVP and VTH-SUVP. If the SOVP or SUVP threshold is reached
continuously by 6 switching cycles, the SOVP or SUVP protection will be triggered, the AP3302 will shut down and the system will restart when the
VCC voltage falls below the UVLO voltage.
To prevent from false-trigger of SUVP during start up consequence, a blank time of tBLANK-SUVP is set during which the SUVP protection function is
ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com