Electronic Components Datasheet Search
  English  ▼

X  

AP3302 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP3302
Description  QUASI-RESONANT PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3302 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP3302 Datasheet HTML 5Page - Diodes Incorporated AP3302 Datasheet HTML 6Page - Diodes Incorporated AP3302 Datasheet HTML 7Page - Diodes Incorporated AP3302 Datasheet HTML 8Page - Diodes Incorporated AP3302 Datasheet HTML 9Page - Diodes Incorporated AP3302 Datasheet HTML 10Page - Diodes Incorporated AP3302 Datasheet HTML 11Page - Diodes Incorporated AP3302 Datasheet HTML 12Page - Diodes Incorporated AP3302 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AP3302
Document number:DS38882 Rev. 4 - 2
9 of 17
www.diodes.com
March 2017
© Diodes Incorporated
AP3302
PIN3 Utilization for BNO/SOVP/SUVP/OCP COMP
DEM
VCC
Operation Description
Quasi-Resonant (QR) Mode
Quasi-Resonant operation is regarded as a soft switching technology which always turns on the primary MOSFET at the valley status of Drain-to-
Source voltage (VDS). Compared to traditional hard switching, QR switching-on can reduce the switching power loss of MOSFET and achieve
good EMI behavior without any additional BOM cost.
Available “Valley status”
to turn on the Mosfet
Figure 1
Figure 1 shows the primary MOSFET VDS waveform. When the secondary-side current flows to zero, the primary inductance LM and the effective
MOSFET output capacitor Coss begin to resonant. The valley is detected by DEM Pin through a pair of voltage divider. At primary MOSFET
turning off time, once
the voltage on DEM Pin is detected below 75mV, one “valley status” is counted. To prevent the false trigger of the VDS ring
caused by leakage inductance, the valley detection function is blanked within the tSAMPLE (2s,refer to figure 6) when primary MOSFET turns off.
Each “valley status” of MOSFET VDS will be detected and counted by DEM Pin, according to the frequency control strategy of AP3302; one proper
“valley status” will be selected to turn on the MOSFET.
Frequency Modulation Strategy
The AP3302 operates with QR mode, green mode and burst mode to achieve the high efficiency performance.
In general, the AP3302 power system operates with first
“valley status” under low line & full load condition, in which the maximum primary peak
current and transformer flux density occur. The power system designer is required to choose transformer size and switching frequency according
to this worst case condition.
With output load decreasing from full load, the switching frequency of AP3302 increases correspondingly in first
“valley status” operation. In order
to avoid performance degrading at very high switching frequency operation, there is a fixed 120kHz maximum frequency limitation in AP3302.
Since too high switching frequency will lead to the worse performance, the 120kHz frequency limitation is not preferred to reach in system design.
Actually AP3302 has built-in reference in FB pin voltage to adjust
“valley status” for green mode operation, as shown in Figure 2. When FB pin
voltage decreases to a modulating reference, the first
“valley status” is forced to shift the secondary “valley status”, and the switching frequency
decrease accordingly. When output load continues decreasing, the secondary
“valley status” will change to the third “valley status”, the fourth
“valley status until the fifteenth “valley status”. When the “valley status” number is higher than 15, the valley turn on function will be disabled since
the benefit of valley turn on is weak enough to ignore. AP3302 uses an advanced
“valley lock” technology to avoid system oscillation and audible
noise issue under the
“valley status” shift condition, in which there is loading value hysteresis when two “valley status” increasing and decreasing
occurs with loading changing.
The AP3302 has the minimum switching frequency limit of 22kHz to avoid audible noise issue. When the switching frequency decrease below
22kHz with output load decreasing, the switching frequency will keep at 22kHz. When FB pin voltage is lower than VBURST, the power system
enters burst mode to reduce the power dissipation under very light load condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com