Electronic Components Datasheet Search
  English  ▼

X  

AP3302 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3302
Description  QUASI-RESONANT PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3302 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3302 Datasheet HTML 7Page - Diodes Incorporated AP3302 Datasheet HTML 8Page - Diodes Incorporated AP3302 Datasheet HTML 9Page - Diodes Incorporated AP3302 Datasheet HTML 10Page - Diodes Incorporated AP3302 Datasheet HTML 11Page - Diodes Incorporated AP3302 Datasheet HTML 12Page - Diodes Incorporated AP3302 Datasheet HTML 13Page - Diodes Incorporated AP3302 Datasheet HTML 14Page - Diodes Incorporated AP3302 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AP3302
Document number:DS38882 Rev. 4 - 2
11 of 17
www.diodes.com
March 2017
© Diodes Incorporated
AP3302
Operation Description (Cont.)
Start-Up Current and UVLO
The start-up current of the AP3302 is optimized to realize ultra low current (1
A typical) so that V
CC capacitor can be charged more quickly. The
direct benefit of low start-up current is the availability of using large start-up resistor, which minimizes the resistor power loss for high voltage AC
input.
An UVLO comparator is included in AP3302 to detect the voltage on VCC pin. It ensures that AP3302 can draw adequate energy from VCC
capacitor during power-on.
VCC Maintain Mode
During some transient load condition, VFB will drop below 1.55V, thus the PWM drive signal will be stopped, and there is no more energy
transferring to the output side and auxiliary winding VCC supply. Therefore, the IC VCC voltage may reduce to the UVLO threshold voltage which
will results in unexpected system restart. To avoid this failure condition, the AP3302 has a so-called VCC maintain mode to maintain VCC voltage
above UVLO. Whenever VCC decreases to a setting threshold as VM, the VCC maintain mode will be awaked and AP3302 will output a driving
pulse to turn on primary switch for providing enough energy to VCC capacitor.
Leading-Edge Blanking Time
A narrow spike on the leading edge of the current waveform can usually be observed when the power MOSFET is turning on. A 250ns leading-
edge blank is built-in to prevent the false-trigger caused by the turn-on spike. During this period, the current limit comparator and the PWM
comparator are disabled and the gate driver cannot be switched off.
At the time of turning-off the MOSFET, a negative undershoot (maybe larger than -0.3V) can occur on the SENSE pin. So it is strongly
recommended to add a small RC filter or at least connect a resistor “R” on this pin to protect the IC (Shown as Figure 4).
SENSE
GATE
6
4
Large undershoot (more than
-0.3V) may damage the SENSE pin
R
C
Necessary
Figure 4
Protections
Brown In and Brown Out
The AP3302 can easily achieve brown in and brown out protection with the help of an external setting resistor. To determine the brown in voltage,
according to the formula:
mainly determines the brown in voltage, it’s the upper resistor connected to the DEM Pin as shown in figure 5. Vindc is the peak value of
targeted brown-in AC voltage, Np is the primary winding turns and the Naux is the auxiliary winding turns. When the system is plugged in, the
AP3302 will output 4 switching pulses to identify the AC voltage value, when the primary MOSFET turns on, the DEM Pin is clamped to GND and
a current
will flow out of the DEM pin, passing through
and the auxiliary winding. The smaller
, the larger
. If the IC controller
detects that
is larger than
for the continuous 4 cycles, the IC will start outputting driving signal normally. Otherwise, whenever the
is
lower than
for a period of tDELAY-BNO, it will trigger the brown out protection and the IC will stop outputting driving signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com