Electronic Components Datasheet Search
  English  ▼

X  

PAM8901 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM8901
Description  25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8901 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM8901 Datasheet HTML 1Page - Diodes Incorporated PAM8901 Datasheet HTML 2Page - Diodes Incorporated PAM8901 Datasheet HTML 3Page - Diodes Incorporated PAM8901 Datasheet HTML 4Page - Diodes Incorporated PAM8901 Datasheet HTML 5Page - Diodes Incorporated PAM8901 Datasheet HTML 6Page - Diodes Incorporated PAM8901 Datasheet HTML 7Page - Diodes Incorporated PAM8901 Datasheet HTML 8Page - Diodes Incorporated PAM8901 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PAM8901 / PAM8908
Document number: DS36456 Rev. 2 - 2
4 of 13
www.diodes.com
October 2016
© Diodes Incorporated
PAM8901 / PAM8908
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) (Note 4)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability. All voltages are with respect to ground.
Parameter
Rating
Unit
Supply Voltage (PVDD)
6.0
V
Input Voltage (INR+, INR-, INL+, INL-)
HPVSS -0.3 to HPVDD +0.3
V
Control Interface Voltage (G0, G1, EN)
-0.3 to PVDD +0.3
V
Storage Temperature
-65 to +150
°C
Maximum Junction Temperature
+150
Soldering Temperature
+250, 10sec
Note:
4. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage Range
2.5 to 5.5
V
TA
Ambient Temperature Range
-40 to +85
°C
TJ
Junction Temperature Range
-40 to +125
Thermal Information (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Package
Max
Unit
θJA
Thermal Resistance (Junction to Ambient)
U-QFN3030-16 (Type US)
35
°C/W
θJC
Thermal Resistance (Junction to Case)
U-QFN3030-16 (Type US)
14
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com