Electronic Components Datasheet Search
  English  ▼

X  

PAM8901 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PAM8901
Description  25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8901 Datasheet(HTML) 5 Page - Diodes Incorporated

  PAM8901 Datasheet HTML 1Page - Diodes Incorporated PAM8901 Datasheet HTML 2Page - Diodes Incorporated PAM8901 Datasheet HTML 3Page - Diodes Incorporated PAM8901 Datasheet HTML 4Page - Diodes Incorporated PAM8901 Datasheet HTML 5Page - Diodes Incorporated PAM8901 Datasheet HTML 6Page - Diodes Incorporated PAM8901 Datasheet HTML 7Page - Diodes Incorporated PAM8901 Datasheet HTML 8Page - Diodes Incorporated PAM8901 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PAM8901 / PAM8908
Document number: DS36456 Rev. 2 - 2
5 of 13
www.diodes.com
October 2016
© Diodes Incorporated
PAM8901 / PAM8908
Electrical Characteristics (@TA = +25°C, PVDD = 3.6V, RL = 16Ω, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
PVDD
Supply Voltage
—
2.5
—
5.5
V
IQ
Quiescent Current
EN = PVDD, No Load
—
4
—
mA
PO
Output Power per Channel
THD = 1%, f = 1kHz, RL = 16Ω
—
35
—
mW
THD = 1%, f = 1kHz, RL = 32Ω
—
25
—
mW
ISD
Shutdown Current
EN = 0V, PVDD = 2.5V to 5.5V
—
0.1
1
µA
VIH
EN High Level Input Voltage
—
1.4
—
—
V
VIL
EN Low Level Voltage
—
—
—
0.6
V
VGH
G0, G1 High Level Input Voltage
—
1.4
—
—
V
VGL
G0, G1 Low Level Voltage
—
—
—
0.6
V
VOS
Output Offset Voltage
—
—
1
5
mV
AV
Closed-Loop Voltage Gain
G0 = 0V, G1 = 0V
—
-6
—
dB
G0 = PVDD, G1 = 0V
—
0
—
dB
G0 = 0V, G1 = PVDD
—
3
—
dB
G0 = PVDD, G1 = PVDD
—
6
—
dB
PSRR
Power Supply Rejection Ratio
Input A C-GND, f + 1kHz, VPP = 200mV
—
75
—
dB
THD+N
Total Harmonic Distortion Plus Noise
PO = 20mW, f = 1kHz
—
0.03
—
%
SNR
Signal to Noise Ratio
PO = 20mW, into 16Ω
—
100
—
dB
EN
Noise Output Voltage
A-Weighted
—
10
—
µVRMS
CS
Crosstalk
PO = 15mW, f = 1kHz
—
80
—
dB
fOSC
Charge Pump Switching Frequency
—
1.2
1.5
1.8
MHz
tON
Start-Up Time
EN from low to high
—
0.4
—
Ms
OTP
Thermal Shutdown
Threshold
—
+150
—
°C
OTPH
Thermal Shutdown Hysteresis
Hysteresis
—
+20
—
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com