Electronic Components Datasheet Search
  English  ▼

X  

PAM8901 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # PAM8901
Description  25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8901 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button PAM8901 Datasheet HTML 5Page - Diodes Incorporated PAM8901 Datasheet HTML 6Page - Diodes Incorporated PAM8901 Datasheet HTML 7Page - Diodes Incorporated PAM8901 Datasheet HTML 8Page - Diodes Incorporated PAM8901 Datasheet HTML 9Page - Diodes Incorporated PAM8901 Datasheet HTML 10Page - Diodes Incorporated PAM8901 Datasheet HTML 11Page - Diodes Incorporated PAM8901 Datasheet HTML 12Page - Diodes Incorporated PAM8901 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PAM8901 / PAM8908
Document number: DS36456 Rev. 2 - 2
10 of 13
www.diodes.com
October 2016
© Diodes Incorporated
PAM8901 / PAM8908
Application Information (Cont.)
Power Supply Sequencing
Use input coupling capacitors to ensure inaudible turn-on pop. Activate the PAM8901 / PAM8908 after all audio sources have been activated and
their output voltages have settled. On powerdown, deactivate the PAM8901 / PAM8908 before deactivating the audio input source. The EN pin
controls device shutdown: Set to 0.6V or lower to deactivate the PAM8901 / PAM8908; set to 1.4V or higher to activate.
TrueCapFree Headphone Amplifiers
The TrueCapFree amplifier architecture operates from a single supply voltage and uses two internal charge pumps to generate a positive supply
and a rail for the headphone amplifier. The output voltages are centered around 0V and are capable of positive and negative voltage swings as
shown in the following drawing.
TrueCapFree amplifiers require no output DC-blocking capacitors. The headphone connector shield pin connects to ground and will interface with
headphones and non-headphone accessories. The PAM8901 / PAM8908 is a TrueCapFree amplifier.
LAYOUT RECOMMENDATIONS
Exposed Pad on PAM8901 / PAM8908
Solder the exposed metal pad on the PAM8901 / PAM8908 U-QFN3030-16 (Type US) package to the landing pad on the PCB. Connect the
landing pad to ground or leave it electrically unconnected (floating). Do not connect the landing pad to PVDD or to any other power supply voltage.
If the pad is grounded, it must be connected to the same ground as the PGND. Soldering the thermal pad is required for mechanical reliability and
enhances thermal conductivity of the package.
GND Connections
The SGND pin is an input reference and must be connected to the headphone ground connector pin. This ensures no turn-on pop and minimizes
output offset voltage. Do not connect more than ±0.3V to SGND.
PGND is a power ground. Connect supply decoupling capacitors for PVDD, HPVDD, and HPVSS to PGND.
Power Supply Connections
Connect the supply voltage to the PVDD pin and decouple it with an X5R or better capacitor. Place both PVDD capacitors within 5mm of PVDD
pin on the PAM8901 / PAM8908. Ensure that the ground connection of PVDD capacitor has a minimum length return path to the device. Failure to
properly decouple the PAM8901 / PAM8908 may degrade audio or EMC performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com