Electronic Components Datasheet Search
  English  ▼

X  

PAM8901 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8901
Description  25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8901 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8901 Datasheet HTML 1Page - Diodes Incorporated PAM8901 Datasheet HTML 2Page - Diodes Incorporated PAM8901 Datasheet HTML 3Page - Diodes Incorporated PAM8901 Datasheet HTML 4Page - Diodes Incorporated PAM8901 Datasheet HTML 5Page - Diodes Incorporated PAM8901 Datasheet HTML 6Page - Diodes Incorporated PAM8901 Datasheet HTML 7Page - Diodes Incorporated PAM8901 Datasheet HTML 8Page - Diodes Incorporated PAM8901 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PAM8901 / PAM8908
Document number: DS36456 Rev. 2 - 2
1 of 13
www.diodes.com
October 2016
© Diodes Incorporated
PAM8901 / PAM8908
25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
Description
The PAM8901 / PAM8908 stereo headphone driver is designed for
portable equipment where board space is at a premium. The
PAM8901 / PAM8908 uses a unique, patent pending architecture to
produce a ground-referenced output from a single supply, eliminating
the need for large DC-blocking capacitors, saving cost, board space,
and component height.
The PAM8901 / PAM8908 delivers up to 25mW per channel into a
16
Ω load and has low 0.03% THD+N. A high power-supply rejection
ratio (80dB at 1kHz) allows this device to operate from noisy digital
supplies without an additional linear regulator.
The PAM8901 / PAM8908 operates from a single supply from 2.5V to
5.5V, has short-circuit and over temperature protection. Shutdown
mode reduces supply current to less than 1µA.
Features
Patent Pending 3 Phase Power Line Shift Charge Pump
Eliminates Need for DC-Blocking Capacitors
TrueCapFree Architecture, Output Biased at 0V (System
Ground)
Excellent Low Frequency Fidelity
80dB PSRR at 1kHz
Less than 1µA Shutdown Current
Support Both Fully Differential and Single-Ended Inputs
Short Circuit and Over Temperature Protection
Selectable Gain Settings: -6dB, 0dB, 3dB and 6dB
Available in Space Saving Packages: U-QFN3030-16 (Type US)
Lead Free and Green Devices Available (RoHS Compliant)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green Device (Note 3)
Pin Assignments
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
INL-
INL+
INR+
INR-
PGND
CAP-
CAP+
PVDD
Top View
U-QFN3030-16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
INL-
INL+
INR+
INR-
CAP-
PGND
CAP+
HPVDD
Top View
U-QFN3030-16
Applications
Smart Phones/Cellular Phones
Notebook Computers
Portable DVD Player
Personal Digital Assistants (PDAs)
Electronic Dictionaries
Digital Still Cameras
Portable Gaming
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
(Top View)
U-QFN3030-16 (Type US)
U-QFN3030-16 (Type US)
(Top View)


Similar Part No. - PAM8901

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Diodes Incorporated
PAM8902A DIODES-PAM8902A Datasheet
554Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
Rev 1
PAM8902AKER DIODES-PAM8902AKER Datasheet
554Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
Rev 1
PAM8902AZER DIODES-PAM8902AZER Datasheet
554Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
Rev 1
PAM8902H DIODES-PAM8902H Datasheet
281Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
Rev 1
More results

Similar Description - PAM8901

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS488 STMICROELECTRONICS-TS488 Datasheet
561Kb / 32P
Pop-free 120mW stereo headphone amplifier
15-Sep-2006
logo
Anpec Electronics Corop...
APA2178 ANPEC-APA2178 Datasheet
612Kb / 30P
100mW Stereo Cap-Free Headphone Driver
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
Stereo Headphone Amplifier
logo
Anpec Electronics Corop...
APA2176 ANPEC-APA2176 Datasheet
572Kb / 28P
270mW Stereo Cap-Free Headphone Driver
APA2177 ANPEC-APA2177 Datasheet
417Kb / 20P
25mW Stereo Cap-Free Headphone Driver
APA2180 ANPEC-APA2180 Datasheet
593Kb / 22P
Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
APA2181 ANPEC-APA2181 Datasheet
583Kb / 21P
Low Supply Current, 50mW Stereo Cap-Free Headphone Driver
logo
Texas Instruments
TPA6139A2 TI1-TPA6139A2_16 Datasheet
1Mb / 28P
25mW Headphone Amplifier
logo
Anpec Electronics Corop...
APA2177 ANPEC-APA2177_17 Datasheet
355Kb / 22P
25mW Stereo Cap-Free Headphone Driver
logo
Jiaxing Heroic Technolo...
HT4832 HEROIC-HT4832 Datasheet
430Kb / 3P
33mW output-free capacitor stereo headphone amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com