Electronic Components Datasheet Search
  English  ▼

X  

ML63189B Datasheet(PDF) 22 Page - OKI electronic componets

Part # ML63189B
Description  4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63189B Datasheet(HTML) 22 Page - OKI electronic componets

Back Button ML63189B Datasheet HTML 18Page - OKI electronic componets ML63189B Datasheet HTML 19Page - OKI electronic componets ML63189B Datasheet HTML 20Page - OKI electronic componets ML63189B Datasheet HTML 21Page - OKI electronic componets ML63189B Datasheet HTML 22Page - OKI electronic componets ML63189B Datasheet HTML 23Page - OKI electronic componets ML63189B Datasheet HTML 24Page - OKI electronic componets ML63189B Datasheet HTML 25Page - OKI electronic componets ML63189B Datasheet HTML 26Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
¡ Semiconductor
ML63187/63189B
22/35
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
Condition
Mea-
suring
Circuit
Unit
1.9
1.8
1.7
VDD2 Voltage
Max.
Typ.
Min.
VDD2
1/5 bias, 1/4 bias
(Ta = 25°C)
V
—
–4
—
VDD2 Voltage Temperature Deviation
DVDD2
—
mV/°C
Typ.+ 0.3
3/2 ¥ VDD2
Typ.– 0.3
VDD3 Voltage
VDD3
1/5 bias
V
Typ.+ 0.4
2 ¥ VDD2
Typ.– 0.4
VDD4 Voltage
VDD4
1/5 bias
V
Typ.+ 0.5
5/2 ¥ VDD2
Typ.– 0.5
VDD5 Voltage
VDD5
1/5 bias
V
—
—
1.2
Crystal Oscillation Start Voltage
VSTA
Oscillation start time:
within 5 seconds
V
—
—
0.9
Crystal Oscillation Hold Voltage
VHOLD
Backup
V
5.0
—
0.1
Crystal Oscillation Stop Detect Time
TSTOP
—ms
25
—
5
External Crystal Oscillator Capacitance
CG
—pF
30
25
20
Internal Crystal Oscillator Capacitance
CD
—pF
16
12
8
Internal RC Oscillator Capacitance
COS
—pF
—
30
—
External Ceramic Oscillator
Capacitance
CL0, 1
CSA2.00MG (Murata
MFG.-make) used
VDD = 3.0 V
pF
0.4
—
0.0
POR Voltage
VPOR1
VDD = 1.5 V
V
1
0.7
—
0.0
VDD = 3.0 V
V
—
—
1.7
Backup not used
V
2.0
1.5
1.0
VDDL Voltage
VDDL
High-speed clock
oscillation stopped
V
5.5
—
1.2
High-speed clock oscillation
(VDD = 1.2 to 5.5 V)
V
VDDH
2.7
—
2.0
VDDH Voltage
(Backup used)
High-speed clock oscillation
(Ceramic oscillation, 1 MHz)
VDD = 1.5 V
V
High-speed clock oscillation
stopped
VDD = 1.5 V
3.0
—
2.8
V
(VDD = VDDI = 0.9 to 5.5 V, VSS = 0 V, Ta = –20 to +70°C unless otherwise specified)
Typ.+ 0.1
1/2 ¥ VDD2
Typ.– 0.1
VDD1 Voltage
VDD1
1/5 bias, 1/4 bias
V
Typ.+ 0.2
VDD2
Typ.– 0.2
1/4 bias (connect
VDD3 and VDD2)
Typ.+ 0.3
3/2 ¥ VDD2
Typ.– 0.3
1/4 bias
Typ.+ 0.4
2 ¥ VDD2
Typ.– 0.4
1/4 bias
1.5
—
1.2
Non-POR Voltage
VPOR2
VDD = 1.5 V
V
3.0
—
2.0
VDD = 3.0 V
V
2.50
2.40
2.30
BLD Judgment Voltage
VBLDC
LD1 = 1, LD0 = 1, Ta = 25°C
1.90
1.80
1.70
LD1 = 1, LD0 = 0, Ta = 25°C
V
1.30
1.20
1.10
LD1 = 0, LD0 = 1, Ta = 25°C
1.15
1.05
0.95
LD1 = 0, LD0 = 0, Ta = 25°C
—
—
–3.5
—
BLD Judgment Voltage
Temperature Deviation
DVBLDC
VBLDC = 2.40 V (LD1 = 1, LD0 = 1)
—
–2.3
—
VBLDC = 1.80 V (LD1 = 1, LD0 = 0)
mV/°C
—
–1.6
—
VBLDC = 1.20 V (LD1 = 0, LD0 = 1)
—
–1.2
—
VBLDC = 1.05 V (LD1 = 0, LD0 = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com