Electronic Components Datasheet Search
  English  ▼

X  

ML63189B Datasheet(PDF) 4 Page - OKI electronic componets

Part # ML63189B
Description  4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63189B Datasheet(HTML) 4 Page - OKI electronic componets

  ML63189B Datasheet HTML 1Page - OKI electronic componets ML63189B Datasheet HTML 2Page - OKI electronic componets ML63189B Datasheet HTML 3Page - OKI electronic componets ML63189B Datasheet HTML 4Page - OKI electronic componets ML63189B Datasheet HTML 5Page - OKI electronic componets ML63189B Datasheet HTML 6Page - OKI electronic componets ML63189B Datasheet HTML 7Page - OKI electronic componets ML63189B Datasheet HTML 8Page - OKI electronic componets ML63189B Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
¡ Semiconductor
ML63187/63189B
4/35
BLOCK DIAGRAM (ML63187)
An asterisk (*) indicates the port secondary function.
indicates that the power is supplied
to the circuits corresponding to the signal names inside
from VDDI (power supply for
interface).
ROM
16KW
BUS
CON-
TROL
MIE
XT0
XT1
OSC0
OSC1
OSC
CBR
EBR
L
C
G
Z
ALU
RA
A
IR
INSTRUCTION
DECODER
RAM
1024N
nX-4/250
RESET
RST
VDDI
PC
H
Y
X
TIMING
CON-
TROL
SP
RSP
STACK
CAL : 16-level
REG : 16-level
TIMER
8bit ¥ 4
SCLK*
SIN*
SOUT*
4
INT
SFT
TM0CAP/TM1CAP*
TM0OVF/TM1OVF*
T02CK*
T13CK*
1
INT
I/O
PORT
PB.0-PB.3
PE.0-PE.3
2
INT
VDDH
VDD
CB1
CB2
TBC
4
INT
BLD
INT
100HzTC
1
BACK
UP
VSS
MELODY
MD
1
INT
MDB
LCD
&
DSPR
COM1-16
SEG0-63
TST1
TST
TST2
INT
WDT
1
VDD1
VDD2
VDD3
VDD4
VDD5
C1
C2
VDDL
BIAS
INT187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com