Electronic Components Datasheet Search
  English  ▼

X  

ML63189B Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML63189B
Description  4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63189B Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML63189B Datasheet HTML 3Page - OKI electronic componets ML63189B Datasheet HTML 4Page - OKI electronic componets ML63189B Datasheet HTML 5Page - OKI electronic componets ML63189B Datasheet HTML 6Page - OKI electronic componets ML63189B Datasheet HTML 7Page - OKI electronic componets ML63189B Datasheet HTML 8Page - OKI electronic componets ML63189B Datasheet HTML 9Page - OKI electronic componets ML63189B Datasheet HTML 10Page - OKI electronic componets ML63189B Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
¡ Semiconductor
ML63187/63189B
7/35
PAD CONFIGURATION (ML63187)
Pad Layout
Chip size
: 4.238 mm ¥ 4.914 mm
Chip thickness
: 350 mm (280 mm: available as required)
Coordinate origin
: center of chip
Pad hole size
: 100 mm ¥ 100 mm
Pad size
: 110 mm ¥ 110 mm
Minimum pad pitch
: 140 mm
Note: The chip substrate voltage is VSS.
Y
X
27
SEG38
28
SEG39
SEG11 111
29
SEG40
SEG10 110
30
SEG41
SEG9 109
31
SEG42
SEG8 108
32
SEG43
SEG7 107
33
SEG44
SEG6 106
34
SEG45
SEG5 105
35
SEG46
SEG4 104
36
SEG47
SEG3 103
37
SEG48
SEG2 102
38
SEG49
SEG1 101
39
SEG50
SEG0 100
40
SEG51
COM8
99
41
SEG52
COM7
98
42
SEG53
COM6
97
43
SEG54
COM5
96
44
SEG55
COM4
95
45
SEG56
COM3
94
46
SEG57
COM2
93
47
SEG58
COM1
92
48
SEG59
PB.3
91
49
SEG60
PB.2
90
50
SEG61
PB.1
89
51
SEG62
PB.0
88
52
SEG63
PE.3
87
53
COM9
PE.2
86
54
COM10
PE.1
85
55
COM11
PE.0
84
56
COM12
VDDI
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com