Electronic Components Datasheet Search
  English  ▼

X  

ML63189B Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML63189B
Description  4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63189B Datasheet(HTML) 1 Page - OKI electronic componets

  ML63189B Datasheet HTML 1Page - OKI electronic componets ML63189B Datasheet HTML 2Page - OKI electronic componets ML63189B Datasheet HTML 3Page - OKI electronic componets ML63189B Datasheet HTML 4Page - OKI electronic componets ML63189B Datasheet HTML 5Page - OKI electronic componets ML63189B Datasheet HTML 6Page - OKI electronic componets ML63189B Datasheet HTML 7Page - OKI electronic componets ML63189B Datasheet HTML 8Page - OKI electronic componets ML63189B Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
¡ Semiconductor
ML63187/63189B
1/35
GENERAL DESCRIPTION
The ML63187/63189B is a CMOS 4-bit microcontroller with built-in 1024-dot matrix LCD drivers
and operates at 0.9 V (min.). The ML63187/63189B is suitable for applications such as games,
toys, watches, etc. which are provided with an LCD display.
The ML63187/63189B is an M6318x series mask ROM-version product of OLMS-63K family,
which employs Oki's original CPU core nX-4/250.
FEATURES
• Rich instruction set
408 instructions
Transfer, rotate, increment/decrement, arithmetic operations, comparison, logic operations,
mask operations, bit operations, ROM table reference, stack operations, flag operations,
branch, conditional branch, call/return, control.
• Rich selection of addressing modes
Indirect addressing of four data memory types, with current bank register, extra bank
register, HL register and XY register.
Data memory bank internal direct addressing mode.
• Processing speed
Two clocks per machine cycle, with most instructions executed in one machine cycle.
Minimum instruction execution time
: 61 ms (@ 32.768 kHz system clock)
1 ms (@ 2 MHz system clock)
• Clock generation circuit
Low-speed clock
: Crystal oscillation or RC oscillation selected with
mask option (30 to 80 kHz)
High-speed clock
: Ceramic oscillation or RC oscillation selected with
software (2 MHz max.)
• Program memory space
• ML63187
: 16K words
• ML63189B : 32K words
Basic instruction length is 16 bits/1 word
• Data memory space
• ML63187
: 1024 nibbles
• ML63189B : 1536 nibbles
¡ Semiconductor
ML63187/63189B
4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,
Operating at 0.9 V (Min.)
E2E0053-59-71
This version: Jul. 1999
Previous version: Mar. 1999


Similar Part No. - ML63189B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63189B OKI-ML63189B Datasheet
244Kb / 36P
4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
ML63189B-XXXGA OKI-ML63189B-XXXGA Datasheet
244Kb / 36P
4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
ML63189B-XXXWA OKI-ML63189B-XXXWA Datasheet
244Kb / 36P
4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
More results

Similar Description - ML63189B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63512A OKI-ML63512A Datasheet
261Kb / 30P
4-Bit Microcontroller with Built-in Level Detector, Melody Circuit, and Comparator,Operating at 0.9 V (Min.)
MSM63182A OKI-MSM63182A Datasheet
266Kb / 28P
4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63184B OKI-MSM63184B Datasheet
205Kb / 29P
4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63188A OKI-MSM63188A Datasheet
300Kb / 33P
4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,Operating at 0.9 V (Min.)
MSM63238 OKI-MSM63238 Datasheet
231Kb / 32P
4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit, Operating at 0.9 V (Min.)
MSM63P180 OKI-MSM63P180 Datasheet
214Kb / 35P
4-Bit Microcontroller with Built-in 16K Word PROM and 1024-Dot Matrix LCD Drivers
ML63187B OKI-ML63187B Datasheet
244Kb / 36P
4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
ML63193 OKI-ML63193 Datasheet
193Kb / 37P
4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
ML63295A OKI-ML63295A Datasheet
223Kb / 38P
4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com