Electronic Components Datasheet Search
  English  ▼

X  

DAC53608 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53608
Description  Octal, 10-Bit or 8-Bit, I2C Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 QFN Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC53608 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC53608 Datasheet HTML 2Page - Texas Instruments DAC53608 Datasheet HTML 3Page - Texas Instruments DAC53608 Datasheet HTML 4Page - Texas Instruments DAC53608 Datasheet HTML 5Page - Texas Instruments DAC53608 Datasheet HTML 6Page - Texas Instruments DAC53608 Datasheet HTML 7Page - Texas Instruments DAC53608 Datasheet HTML 8Page - Texas Instruments DAC53608 Datasheet HTML 9Page - Texas Instruments DAC53608 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
DAC53608, DAC43608
SLASEQ4 – OCTOBER 2018
www.ti.com
Product Folder Links: DAC53608 DAC43608
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
End point fit between codes Code 4 to Code 1016 - 10 bit, Code 1 to Code 251 - 8 bit
7.5 Electrical Characteristics
All minimum/maximum specifications at TA = -40°C to +125°C, 1.8V ≤ VDD ≤ 5.5V, VREFIN = 2.5V for VDD ≥ 2.7 V, VREFIN =
1.8V for VDD ≤ 2.7 V, RL=5kΩ to AGND, CL = 200pF to AGND, Digital inputs at VDD or AGND unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE
Resolution
DAC53608
10
Bits
Resolution
DAC43608
8
Bits
INL
Relative Accuracy(1)
DAC43608, 2.7V
≤ VDD ≤ 5.5V
–1
1
LSB
INL
Relative Accuracy(1)
DAC43608, 1.8V
≤ VDD ≤ 2.7V
–1
1
LSB
INL
Relative Accuracy(1)
DAC53608, 2.7V
≤ VDD ≤ 5.5V
–1
1
LSB
INL
Relative Accuracy(1)
DAC53608, 1.8V
≤ VDD ≤ 2.7V
–1
1
LSB
DNL
Differential Nonlinearity(1)
DAC43608, 2.7V
≤ VDD ≤ 5.5V
–1
1
LSB
DNL
Differential Nonlinearity(1)
DAC43608, 1.8V
≤ VDD ≤ 2.7V
–1
1
LSB
DNL
Differential Nonlinearity(1)
DAC53608, 2.7V
≤ VDD ≤ 5.5V
–1
1
LSB
DNL
Differential Nonlinearity(1)
DAC53608, 1.8V
≤ VDD ≤ 2.7V
–1
1
LSB
ZCE
Zero Code Error
2.7V
≤ VDD ≤ 5.5V, Code 0d into DAC
6
12
mV
ZCE
Zero Code Error
1.8V
≤ VDD ≤ 2.7V, Code 0d into DAC
6
12
mV
ZCE-TC
Zero Code Error Temperature Coefficient
±5
µV/°C
OE
Offset Error(1)
2.7V
≤ VDD ≤ 5.5V
–0.5
0.25
0.5
%FSR
OE
Offset Error(1)
1.8V
≤ VDD ≤ 2.7V
–1
0.5
1
%FSR
OE-TC
Offset Error Temperature Coefficient (1)
±0.0003
%FSR/°
C
GE
Gain Error(1)
2.7V
≤ VDD ≤ 5.5V
–0.5
0.25
0.5
%FSR
GE
Gain Error(1)
1.8V
≤ VDD ≤ 2.7V
–1
0.5
1
%FSR
GE-TC
Gain Error Temperature Coefficient(1)
±0.0004
%FSR/°
C
FSE
Full Scale Error
2.7V
≤ VDD ≤ 5.5V, Code 1023d into
DAC, No headroom
–0.5
0.25
0.5
%FSR
FSE
Full Scale Error
1.8V
≤ VDD ≤ 2.7V, Code 1023d into
DAC, No headroom
–1
0.5
1
%FSR
FSE-TC
Full Scale Error Temperature Coefficient
±0.0004
%FSR/°
C
OUTPUT CHARACTERISTICS
VOUT
Voltage Range
0
5.5
V
CLOAD
Max Capacitive Load
RL = Infinite
1
nF
CLOAD
Max Capacitive Load
RL = 5kΩ
2
nF
Load regulation
DAC at midscale, -10mA
≤ IOUT ≤ 10mA,
VDD = 5.5V
1.5
mV/mA
Short circuit current
(per channel) full-scale output shorted to
AGND
50
mA
Short circuit current
(per channel) zero output shorted to VDD
50
mA
Output Voltage Headroom
to VDD (DAC output unloaded)
0.05
V
Output Voltage Headroom
to VDD (ILOAD = 10mA@VDD = 5.5V,
ILOAD = 3mA@VDD = 2.7V, ILOAD =
1mA@VDD = 1.8V), DAC code = Full
Scale
10
%FSR
ZO
DC Output Impedance
DAC at midscale
0.25
Ω
ZO
DC Output Impedance
DAC at code 4d
0.25
Ω
ZO
DC Output Impedance
DAC at code 1016
0.26
Ω
DC-
PSRR
Power Supply Rejection Ratio (DC)
DAC at midscale; VDD = 5 V ± 10%
0.25
mV/V
DYNAMIC PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com