Electronic Components Datasheet Search
  English  ▼

X  

DAC53608 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53608
Description  Octal, 10-Bit or 8-Bit, I2C Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 QFN Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC53608 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC53608 Datasheet HTML 9Page - Texas Instruments DAC53608 Datasheet HTML 10Page - Texas Instruments DAC53608 Datasheet HTML 11Page - Texas Instruments DAC53608 Datasheet HTML 12Page - Texas Instruments DAC53608 Datasheet HTML 13Page - Texas Instruments DAC53608 Datasheet HTML 14Page - Texas Instruments DAC53608 Datasheet HTML 15Page - Texas Instruments DAC53608 Datasheet HTML 16Page - Texas Instruments DAC53608 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
DAC53608, DAC43608
www.ti.com
SLASEQ4 – OCTOBER 2018
Product Folder Links: DAC53608 DAC43608
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
8.3.1.3 CLR Functionality
The CLR pin is an asynchronous input pin to the DAC. When this pin is pulled low (logic 0), the DAC buffers and
the DAC latches to zero code.
8.3.1.4 Output Amplifier
The output buffer amplifier can generate rail-to-rail voltages on the output. The result is a maximum output range
of 0 V to VDD. The full-scale output range for each channel is determined by the reference voltage (VREFIN)
(Equation 1).
The buffer amplifier is capable of driving a load of TBD k
Ω in parallel with TBD nF to GND. The typical slew rate
is TBD V/µs with a typical ¼ to ¾ settling time of TBD µs.
8.3.2 Reference
The DACx3608 requires an external reference to operate. However, the reference pin VREFIN and the supply pin
VDD can be tied together. The reference input pin voltage can range from 1.8 V to VDD. The typical input
impedance of this pin is when all the channels are powered on is 12.5 kΩ. The DACx3608 also includes
LOW_VREF bit in the DEVICE_CONFIG register. For improved static performance when VREFIN < 2.5 V, this bit
must be set to 1.
8.3.3 Power-on-Reset (POR)
The DACx3608 family of devices includes a power-on reset function that controls the output voltage at power up.
After the VDD supply has been established a POR event is issued. The POR causes all registers to initialize to
their default values and communication with the device is valid only after a 2-ms power-on-reset delay. The
default value for all DACs in the DACx3608 devices is zero-code. At power-up all output channel buffer amplifiers
start in power down to 10K mode until a power up command is issue by writing 0 to the per channel power down
registers.
A power failure on VDD also results in a power-on-reset event. As long as VDD remains above their specified high
threshold a power failure event will not occur. In order to ensure a VDD collapse is registered as such by the
device, these supplies must be below their corresponding low threshold for at least 1 ms. When the supplies
drop below their high threshold but remain over the lower one (shown as the undefined region Figure 4), the
device may or may not reset under all specified temperature and power-supply conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com