Electronic Components Datasheet Search
  English  ▼

X  

ML9206 Datasheet(PDF) 21 Page - OKI electronic componets

Part # ML9206
Description  5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9206 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button ML9206 Datasheet HTML 17Page - OKI electronic componets ML9206 Datasheet HTML 18Page - OKI electronic componets ML9206 Datasheet HTML 19Page - OKI electronic componets ML9206 Datasheet HTML 20Page - OKI electronic componets ML9206 Datasheet HTML 21Page - OKI electronic componets ML9206 Datasheet HTML 22Page - OKI electronic componets ML9206 Datasheet HTML 23Page - OKI electronic componets ML9206 Datasheet HTML 24Page - OKI electronic componets ML9206 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
¡ Semiconductor
ML9206-xx
21/32
To specify symbol data continuously to the next address, specify only symbol data as follows.
The address of ADRAM is automatically incremented. Specification of the 1st byte is therefore
unnecessary.
3. ADRAM data write
(specifies address of ADRAM and writes symbol data)
ADRAM (Additional Data RAM) has a 2-bit address to store symbol data.
Symbol data specified by ADRAM is directly output without CGROM and CGRAM.
(The ADRAM can store 2 types of symbol patterns for each digit.)
The terminal to which the contents of ADRAM are output can be used as a cursor.
[Command format]
C0 C1
******
B0 B1 B2 B3 B4 B5 B6 B7
2nd byte
(2nd)
LSB
MSB
: sets symbol data
(written into ADRAM address 0H)
X0 X1 X2 X3
1100
B0 B1 B2 B3 B4 B5 B6 B7
1st byte
(1st)
LSB
MSB
: selects ADRAM data write mode and specifies ADRAM
address
(Ex: specifies ADRAM address 0H)
C0 C1
******
B0 B1 B2 B3 B4 B5 B6 B7
2nd byte
(3rd)
LSB
MSB
: sets symbol data
(written into ADRAM address 1H)
C0 C1
******
B0 B1 B2 B3 B4 B5 B6 B7
2nd byte
(4th)
LSB
MSB
: sets symbol data
(written into ADRAM address 2H)
C0 C1
******
B0 B1 B2 B3 B4 B5 B6 B7
2nd byte
(17th)
LSB
MSB
: sets symbol data
(written into ADRAM address FH)
C0 C1
******
B0 B1 B2 B3 B4 B5 B6 B7
2nd byte
(18th)
LSB
MSB
: sets symbol data
(ADRAM address 0H is rewritten.)
X0 (LSB) to X3 (MSB) : ADRAM addresses (4 bits: 16 characters)
C0 (LSB) to C1 (MSB): Symbol data (2 bits: 2-symbol data per digit)
* : Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com