Electronic Components Datasheet Search
  English  ▼

X  

ML9206 Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML9206
Description  5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9206 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML9206 Datasheet HTML 5Page - OKI electronic componets ML9206 Datasheet HTML 6Page - OKI electronic componets ML9206 Datasheet HTML 7Page - OKI electronic componets ML9206 Datasheet HTML 8Page - OKI electronic componets ML9206 Datasheet HTML 9Page - OKI electronic componets ML9206 Datasheet HTML 10Page - OKI electronic componets ML9206 Datasheet HTML 11Page - OKI electronic componets ML9206 Datasheet HTML 12Page - OKI electronic componets ML9206 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
¡ Semiconductor
ML9206-xx
9/32
DC Characteristics-2
Parameter
Symbol
Applied pin
Condition
Min.
Max.
Unit
High Level Input Voltage
VIH
CS, CP, DA,
RESET
CS, CP, DA,
RESET
RESET
—
Low Level Input Voltage
—
VIH=VDD
VIL=0.0V
CS, CP, DA,
RESET
VIL
IIH
IIL
High Level Input Current
Low Level Input Current
High Level Output
Voltage
VOH1
VOH2
VOH3
VOH4
COM1 to 16
AD1, AD2
SEG1 to 35
P1, P2
IDD1
P1, P2
COM1 to 16
AD1, AD2
SEG1 to 35
VDD
IOH1=–30mA
IOH2=–15mA
IOH3=–6mA
IOH4=–1mA
—
Duty=240/256
Digit=1 to 16
All output lights ON
Low Level Output
Voltage
Supply Current
—
0.8VDD
–1.0
–1.0
VDD–1.5
VDD–1.5
VDD–1.5
VDD–1.0
—
—
—
0.2VDD
—
+1.0
+1.0
—
—
—
—
1.0
3
2
V
V
µA
µA
V
V
V
V
V
mA
mA
(VDD=3.3V±10%, VFL=–60V, Ta=–40 to +85°C, unless otherwise specified)
CS, CP, DA,
—VFL+1.0
V
IOL1=1mA
VOL2
VOL1
IDD2
fOSC=
2MHz,
no load
Duty=128/256
Digit=1 to 9
All output lights OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com