Electronic Components Datasheet Search
  English  ▼

X  

ML9206 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML9206
Description  5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9206 Datasheet(HTML) 1 Page - OKI electronic componets

  ML9206 Datasheet HTML 1Page - OKI electronic componets ML9206 Datasheet HTML 2Page - OKI electronic componets ML9206 Datasheet HTML 3Page - OKI electronic componets ML9206 Datasheet HTML 4Page - OKI electronic componets ML9206 Datasheet HTML 5Page - OKI electronic componets ML9206 Datasheet HTML 6Page - OKI electronic componets ML9206 Datasheet HTML 7Page - OKI electronic componets ML9206 Datasheet HTML 8Page - OKI electronic componets ML9206 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
¡ Semiconductor
ML9206-xx
1/32
¡ Semiconductor
ML9206-xx
5
¥ 7 Dot Character ¥ 16-Digit Display Controller/Driver with Character RAM
GENERAL DESCRIPTION
The ML9206-xx is a dot matrix vacuum fluorescent display tube controller driver IC which
displays characters, numerics and symbols.
Dot matrix vacuum fluorescent display tube drive signals are generated by serial data sent from
a micro-controller. A display system is easily realized by internal ROM and RAM for character
display.
The ML9206-xx has low power consumption since it is made by CMOS process technology.
-01 is available as a general-purpose code.
Custom codes are provided on customer's request.
FEATURES
• Logic power supply and vacuum fluorescent display tube drive power supply (VDD)
: 3.3 V
±10% or 5.0 V±10%
• Fluorescent display tube drive power supply (VFL)
: –20 to –60 V
• VFD driver output current
(VFD driver output can be connected directly to the fluorescent display tube. No pull-down
resistor is required.)
- Segment driver (SEG1 to SEG35)
: –6 mA
(VFL=–60V)
- Segment driver (AD1 and AD2)
: –15 mA
(VFL=–60V)
- Grid driver (COM1 to COM16)
: –30 mA
(VFL=–60V)
• General output port output current
- Output driver (P1 and P2)
:
±1 mA (VDD=3.3V±10%)
±2 mA (VDD=5.0V±10%)
• Content of display
- CGROM
5¥7 dots
: 248 types (character data)
- CGRAM
5¥7 dots
: 8 types (character data)
- ADRAM
16 (display digit) ¥2 bits (symbol data)
- DCRAM
16 (display digit) ¥8 bits (register for character data display)
- General output port
2 bits (static operation)
• Display control function
- Display digit
: 1 to 16 digits
- Display duty (brightness adjustment) : 256 stages
- All lights ON/OFF
• 3 interfaces with microcontroller
: DA, CS, CP (4 interfaces when RESET is added)
• 1-byte instruction execution (excluding data write and display duty set mode to RAM)
• Built-in oscillation circuit (external R and C)
• Package options:
64-pin plastic QFP (QFP64-P-1414-0.80-BK) (Product name : ML9206-xxGS-BK)
64-pin plastic SSOP (SSOP64-P-525-0.80-K) (Product name : ML9206-xxGS-K)
xx indicates the code number.
E2C0042-19-62
This version: Jun. 1999


Similar Part No. - ML9206

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ML920 PANASONICBATTERY-ML920 Datasheet
38Kb / 1P
Manganese Lithium Coin Batteries
logo
OKI electronic componet...
ML9203 OKI-ML9203 Datasheet
388Kb / 31P
5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
ML9203-XX OKI-ML9203-XX Datasheet
388Kb / 31P
5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
ML9204 OKI-ML9204 Datasheet
288Kb / 41P
5 X 7 Dot Character X 24-Digit X 2-Line Display Controller/Driver with Character RAM (Built-in Key Scan)
ML9204-XX OKI-ML9204-XX Datasheet
288Kb / 41P
5 X 7 Dot Character X 24-Digit X 2-Line Display Controller/Driver with Character RAM (Built-in Key Scan)
More results

Similar Description - ML9206

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9203 OKI-ML9203 Datasheet
388Kb / 31P
5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
ML9205-01 OKI-ML9205-01 Datasheet
355Kb / 34P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSC7128 OKI-MSC7128 Datasheet
200Kb / 27P
5 x 7-Dot Character x 16-Digit Display Controller/Driver
MSM9202-01 OKI-MSM9202-01 Datasheet
345Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSM9200-XX OKI-MSM9200-XX Datasheet
315Kb / 34P
5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
ML9207 OKI-ML9207 Datasheet
498Kb / 35P
5 X 7 Dot Character 횞 24-Digit Display Controller/Driver with Character RAM
ML9208 OKI-ML9208 Datasheet
337Kb / 33P
5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
logo
List of Unclassifed Man...
ML9208-02 ETC2-ML9208-02 Datasheet
420Kb / 33P
5x7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
ML9208A-02 ETC2-ML9208A-02 Datasheet
639Kb / 35P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
logo
LAPIS Semiconductor Co....
ML9208-XX LAPIS-ML9208-XX Datasheet
262Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com