Electronic Components Datasheet Search
  English  ▼

X  

ML9206 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML9206
Description  5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9206 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML9206 Datasheet HTML 9Page - OKI electronic componets ML9206 Datasheet HTML 10Page - OKI electronic componets ML9206 Datasheet HTML 11Page - OKI electronic componets ML9206 Datasheet HTML 12Page - OKI electronic componets ML9206 Datasheet HTML 13Page - OKI electronic componets ML9206 Datasheet HTML 14Page - OKI electronic componets ML9206 Datasheet HTML 15Page - OKI electronic componets ML9206 Datasheet HTML 16Page - OKI electronic componets ML9206 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
¡ Semiconductor
ML9206-xx
13/32
FUNCTIONAL DESCRIPTION
Commands List
1st byte
2nd byte
LSB
MSB
LSB
MSB
Command
1
DCRAM data write
B0
B1
B2
B3
B4
B5
B6
B7
B0
B1
B2
B3
B4
B5
B6
B7
2
3
4
5
6
7
CGRAM data write
ADRAM data write
General output port set
Display duty set
Number of digits set
All lights ON/OFF
Test mode
C0
C1
C2
C3
C4
C5
C6
C7
C0
C5 C10 C15 C20 C25 C30
*
C1
C6 C11 C16 C21 C26 C31
*
C2
C7 C12 C17 C22 C27 C32
*
C3
C8 C13 C18 C23 C28 C33
*
C4
C9 C14 C19 C24 C29 C34
*
C0
C1
******
X0
X1
X2
X3
1000
X0
X1
X2
*0100
X0
X1
X2
X3
1100
P1
P2
**0010
****1010
K0
K1
K2
*0110
LH
**
1110
2nd byte
3rd byte
4th byte
5th byte
6th byte
*
Xn
Cn
Pn
Dn
Kn
H
L
: Don't care
: Address specification for each RAM
: Character code specification for each RAM
: General output port status specification
: Display duty specification
: Number of digits specification
: All lights ON instruction
: All lights OFF instruction
When data is written to RAM (DCRAM, CGRAM, ADRAM) continuously,
addresses are internally incremented automatically.
Therefore it is not necessary to specify the 1st byte to write RAM data
for the 2nd and later bytes.
Note: The test mode is used for inspection before shipment.
It is not a user function.
D0
D1
D2
D3
D4
D5
D6
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com