Electronic Components Datasheet Search
  English  ▼

X  

MAX1925 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1925
Description  Switch-Mode 1-Cell Li Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1925 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1925 Datasheet HTML 4Page - Maxim Integrated Products MAX1925 Datasheet HTML 5Page - Maxim Integrated Products MAX1925 Datasheet HTML 6Page - Maxim Integrated Products MAX1925 Datasheet HTML 7Page - Maxim Integrated Products MAX1925 Datasheet HTML 8Page - Maxim Integrated Products MAX1925 Datasheet HTML 9Page - Maxim Integrated Products MAX1925 Datasheet HTML 10Page - Maxim Integrated Products MAX1925 Datasheet HTML 11Page - Maxim Integrated Products MAX1925 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Switch-Mode 1-Cell Li+ Chargers
8
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
CHG
Charge Status LED Driver. Open-drain LED driver sinks 10mA when the MAX1925/MAX1926 are charging.
CHG also blinks at a 0.5Hz rate during fault states (see the Timing section). High impedance when charger is
in shutdown. See Tables 1 and 2.
2EN
Enable. Drive EN high to enable charger. Logic level input for normal ON/OFF control. In the MAX1926 EN is
internally pulled up to 3V with a 300kΩ resistor.
3
THRM
Thermistor Input. Monitors external thermistor (10k
Ω at +25°C). When external temperature is lower than 0°C
or above +50
°C, charging stops and the charger enters fault mode. Charging resumes when the temperature
returns to normal. During a temperature fault the MAX1926 blinks the CHG output, while MAX1925 CHG
remains off (high).
4
ACON
Power-OK Indicator Output. Open-drain output goes low when AC adapter power is valid. See Table 2 for
ACON states.
5CT
Timing Capacitor Connection. Connect timer cap to program full-charge safety timeout interval and
prequalification fault times. Timeouts with CCT = 100nF are:
Full Timer (tFULLCHG): 3 hours—If FASTCHG is not completed within this time a fault is asserted.
Prequal2 Timer: Full Timer/17 (10.67 min)
Prequal1 Timer: Full Timer/1088 (10s)
6
CS
Charge-Current Sense Input. 142mV nominal regulation threshold. CS is high impedance during shutdown.
7
BATT
Battery-Sense Input. Also negative side of charge-current sense. BATT is high impedance during shutdown.
8
GND
Ground
9
PGND
Power Ground
10
EXT
PMOS Gate-Driver Output. Drives gate of external PMOS switching transistor from IN to GND. When using the
MAX1926, ensure that the MOSFET VGS rating is greater than VIN.
11
INP
Supply Voltage Input
12
IN
Supply-Sense Input. Connect IN to INP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com