Electronic Components Datasheet Search
  English  ▼

X  

MAX1925 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1925
Description  Switch-Mode 1-Cell Li Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1925 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1925 Datasheet HTML 5Page - Maxim Integrated Products MAX1925 Datasheet HTML 6Page - Maxim Integrated Products MAX1925 Datasheet HTML 7Page - Maxim Integrated Products MAX1925 Datasheet HTML 8Page - Maxim Integrated Products MAX1925 Datasheet HTML 9Page - Maxim Integrated Products MAX1925 Datasheet HTML 10Page - Maxim Integrated Products MAX1925 Datasheet HTML 11Page - Maxim Integrated Products MAX1925 Datasheet HTML 12Page - Maxim Integrated Products MAX1925 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Switch-Mode 1-Cell Li+ Chargers
_______________________________________________________________________________________
9
HV
DRIVER
10mA
4.5V FOR MAX1926
4.25V FOR MAX1925
6.1V
INP
PGND
REF
REF/10
D3
LED
POWER
SOURCE
REF/8
PREQUAL1
4mA
I > 12%
REF
REF
REF
REF
REF
BATT > 4.35V
BATT > 3V
BATT > 2V
ACON
RSET
0.14
Ω
L1
10
µH
REGULATOR
3V_ANA
3V_DIG
IN
ACON
STATE
MACHINE AND
TIMERS
OSC
ACON
IN
INP
EXT
CS
PGND
GND
EN
BATT
BATT > 2V
TEMP FAULT
REF
353
µA
49
µA
THRM
10k
Ω
MAX1925 ONLY
CHG
ACON
D1
C3
10
µF
Q1
D2
C2
10
µF
C2
0.1
µF
MAX1925
MAX1926
Figure 1. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com