Electronic Components Datasheet Search
  English  ▼

X  

MAX1925 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1925
Description  Switch-Mode 1-Cell Li Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1925 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1925 Datasheet HTML 7Page - Maxim Integrated Products MAX1925 Datasheet HTML 8Page - Maxim Integrated Products MAX1925 Datasheet HTML 9Page - Maxim Integrated Products MAX1925 Datasheet HTML 10Page - Maxim Integrated Products MAX1925 Datasheet HTML 11Page - Maxim Integrated Products MAX1925 Datasheet HTML 12Page - Maxim Integrated Products MAX1925 Datasheet HTML 13Page - Maxim Integrated Products MAX1925 Datasheet HTML 14Page - Maxim Integrated Products MAX1925 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
linear 4mA current source (PREQUAL1). When the cell
voltage exceeds 2V, the cell is charged with 10% of the
programmed fast-charge current (IFASTCHG) until it
reaches 3V. When the cell voltage is above 3V, fast
charging occurs at the full set current. If the cell fails to
reach the next prequalification threshold before a set
time (see tPREQUAL1 and tPREQUAL2 in the Timer
Capacitor and Fault Modes section), charging stops, a
fault alarm is set, and the CHG output blinks.
Figures 2 and 3 show charging behavior typical Li+ cell.
The MAX1925/MAX1926 remain in fast-charge mode
until the battery voltage reaches regulation and the
charge current drops below 1/8th of IFASTCHG. The
charger then enters full topoff mode and the CHG LED
is turned off. In full topoff mode, the controller continues
to operate as in fast-charge mode, except that it
remains in constant-voltage mode (CVM) unless the bat-
tery voltage falls. After every tPREQUAL1 (see the Timer
Capacitor and Fault Modes section) the charger enters
the Kelvin state (for 2 CT clock cycles, 60ms with CCT =
100nF) where charge current is interrupted so that the
battery voltage can be accurately measured.
The MAX1925/MAX1926 do not enter done mode until
tFULLCHG has been reached. If the battery is removed
Switch-Mode 1-Cell Li+ Chargers
______________________________________________________________________________________
11
CVM
1V
2V
3V
4V
4mA
C/10
C
C/8
PREQUAL1
CHARGE CURRENT
1V
2V
3V
4V
2mA
C/10
C
t
tPREQUAL2 = t/16
4.2V
C/8
FAULT
NORMAL VOLTAGE
PROFILE
NORMAL
CURRENT
PROFILE
FASTCHG
FULL TOPOFF
CCM
CVM
CCM
FASTCHG
PREQUAL2
FAULT
tPREQUAL1 = t/1024
CHARGE TIME (tFULLCHG = 3 HOURS WITH CCT = 100nF)
CHG LED OFF
CHG LED OFF
Figure 3. Charging Current and Voltage Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com