Electronic Components Datasheet Search
  English  ▼

X  

MAX1925 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1925
Description  Switch-Mode 1-Cell Li Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1925 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1925 Datasheet HTML 8Page - Maxim Integrated Products MAX1925 Datasheet HTML 9Page - Maxim Integrated Products MAX1925 Datasheet HTML 10Page - Maxim Integrated Products MAX1925 Datasheet HTML 11Page - Maxim Integrated Products MAX1925 Datasheet HTML 12Page - Maxim Integrated Products MAX1925 Datasheet HTML 13Page - Maxim Integrated Products MAX1925 Datasheet HTML 14Page - Maxim Integrated Products MAX1925 Datasheet HTML 15Page - Maxim Integrated Products MAX1925 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
and a new battery is connected during either fast-charge
or full topoff modes, the charger begins with full charge
current without prequalification unless the part is reset.
Detect battery insertion by connecting THRM to a ther-
mistor on the battery, if a thermistor is used, or to a 10k
Ω
resistor linked to a battery door mechanism.
Constant-Current Mode (CCM)
When the battery voltage is below 4.2V, the
MAX1925/MAX1926 regulate the charging current by
controlling the peak and valley inductor currents. When
the inductor current exceeds the 158mV/RSET, the
MAX1925/MAX1926 turn the external PFET off. When
the inductor current falls below 128mV/RSET, the
MAX1925/MAX1926 turns the external PFET on, but
only if the battery voltage is below regulation. The maxi-
mum cell charging current is programmed by selecting
the external RSET (see Figure 1) resistor connected
between BATT and CS. Select the external resistor
value using RSET = 142mV/IFASTCHG.
The accuracy of the charge current is a function of
input voltage, battery voltage, inductance, and com-
parator delay (300ns typ). Determine the charge-cur-
rent error according to the following equation:
where
∆ICHG is the charge-current error, and tIDelay is
the current-sense comparator delay.
For this reason choose L for an on-time and off-time greater
than 2 ✕ tIDelay to minimize error in the charging current.
Constant-Voltage Mode (CVM)
In constant-voltage mode (CVM), the controller regu-
lates the peak and valley of the output ripple. The maxi-
mum cell voltage is regulated to 4.2V. If, for any reason,
the cell voltage exceeds 4.35V, a fault alarm is set, the
CHG output blinks, and the PFET power switch is held
off. The charger can then be restarted only by cycling
input power or the EN input.
Indication of Charge Completion (CHG)
The CHG output is a 10mA current-sink output that indi-
cates the cell’s charging status. Connect an LED from
IN to CHG for a visible indicator. Alternatively, a pullup
resistor (typically 200k
Ω) from a logic supply to CHG
provides a logic-level output. Table 1 relates the status
of the LED to the condition of the charger and battery.
ACON Output
The ACON open-drain output indicates when usable
power is applied to IN. In the MAX1926 when VIN
exceeds ACON threshold (nominally 4.25V with IN ris-
ing—see the Electrical Characteristics table), ACON
goes low. In the MAX1925, ACON goes low when the
input voltage is between 4.5V and 6.1V (see Table 2).
Re-Initiating a Charging Cycle
The MAX1925/MAX1926 feature automatic restart that
resumes charging when the cell voltage drops to 4V and
tFULL_CHG is completed. By automatically resuming charg-
∆=
−×
()×
×
I
VV
t
L
CHG
IN
BATT
IDelay
2
2
Switch-Mode 1-Cell Li+ Chargers
12
______________________________________________________________________________________
STATE
CONDITION
CHG
OFF
EN low or no battery or input power
High impedance (LED off)
PREQUAL1
Charge current = 4mA until BATT reaches 2V.
Low (LED on)
PREQUAL2
Charge current = C/10 until BATT reaches 3V.
Low (LED on)
FAST CHARGE
Charge current = C = 142mV/RSET.
Low (LED on)
FULL CHARGE
Charge current has fallen to C/8.
High impedance (LED off)
FAULT PREQUAL1
BATT does not reach 2V before PREQUAL1 timeout.
FAULT PREQUAL2
BATT does not reach 3V before PREQUAL2 timeout.
FAULT FULL
Charge current does not drop to C/8 before FULL CHARGE
timeout.
Blinking. LED on 50% fBLINK (0.5Hz). Can
only be cleared by cycling input power,
THRM, or EN.
FAULT BATT
VOLTAGE
Battery voltage has exceeded 4.35V.
Blinking. LED on 50% fBLINK (0.5Hz).
MAX1925—High impedance (LED off)
FAULT TEMP
Temperature has risen above +50
°C or fallen below 0°C.
Temp fault clears by itself.
MAX1926—Blinking (LED on 50% 0.5Hz)
NONE
Initial power-up or enable with battery not present.
Blinking at rapid rate as charger cycles
through RESET, PREQUAL1, and DONE.
Table 1. CHG Output States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com