Electronic Components Datasheet Search
  English  ▼

X  

ML9211 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML9211
Description  56-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9211 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML9211 Datasheet HTML 2Page - OKI electronic componets ML9211 Datasheet HTML 3Page - OKI electronic componets ML9211 Datasheet HTML 4Page - OKI electronic componets ML9211 Datasheet HTML 5Page - OKI electronic componets ML9211 Datasheet HTML 6Page - OKI electronic componets ML9211 Datasheet HTML 7Page - OKI electronic componets ML9211 Datasheet HTML 8Page - OKI electronic componets ML9211 Datasheet HTML 9Page - OKI electronic componets ML9211 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
¡ Semiconductor
ML9211
6/19
PIN DESCRIPTIONS
Symbol
QFP-1
*
Type
Description
VDISP
65, 80
—
Power supply pins for VFD driver circuit.
These should be connected externally.
VDD
25
—
Power supply pin for logic drive.
D-GND
24, 40
—
L-GND
33
—
SEG1 to 37
42 to 64,
66 to 79
O
D-GND is ground pin for the VFD driver circuit. L-GND is ground pin for the
logic circuit. These should be connected externally.
Segment (anode) signal output pins for a VFD tube. These pins can be directly
connected to the VFD tube. External circuit is not required.
IOH£–5 mA
SEG38 to 56 1 to 19
O
Segment (anode) signal output pins for a VFD tube.These pins can be directly
connected to the VFD tube. External circuit is not required.
IOH£–10 mA
GRID2
21
O
Inverted Grid signal output pins. For pre-driver, the external circuit is required.
IOL£10 mA
CS
29
I
Chip select input pin.
Data is not transferred when CS is set to a Low level.
CLOCK
30
I
Shift clock input pin.
Serial data shifts at the rising edge of the CLOCK.
DATA IN
31
I
Serial data input pin (positive logic).
Data is input to the shift register at the rising edge of the CLOCK signal.
DUP/TRI
35
I
Duplex/Triplex operation select input pin.
Duplex (1/2 duty) operation is selected when this pin is set to VDD.
Triplex (1/3 duty) operation is selected when this pin is set to L-GND.
M/S
36
I
Master/Slave mode select input pin.
Master mode is selected when this pin is set to VDD.
Slave mode is selected when this pin is set to L-GND.
Dimming pulse input.
When the slave mode is selected, connect this pin to the master side DIM
OUT pin at the slave mode. The pulse width of the all segment output are
controlled by a input pulse width of DIM IN.
When the master mode is selected, the input level of this pin is ignored.
Connect this pin to VDD or L-GND at the master mode. The pulse width of the
all grids and segment outputs are controlled by a built-in 10-bit dimming circuit.
DIM IN
26
I
SYNC IN 2
28
I
Synchronous signal input.
When the slave mode is selected, connect these pins to the master side SYNC
OUT 1 and 2 pins.
When the master mode is selected, the input level of these pins are ignored.
Connect these pins to VDD or L-GND at the master mode.
DIM OUT
39
O
Dimming pulse output.
Connect this pin to the slave side DIM IN pin.
QFP-2
*
63 78
23
22, 38
31
40 to 62,
64 to 77
79, 80,
1 to 17
19
27
28
29
33
34
24
26
37
20
18
22
20
GRID1
GRID3
SYNC IN 1
27
25
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com