Electronic Components Datasheet Search
  English  ▼

X  

ML9211 Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML9211
Description  56-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9211 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML9211 Datasheet HTML 5Page - OKI electronic componets ML9211 Datasheet HTML 6Page - OKI electronic componets ML9211 Datasheet HTML 7Page - OKI electronic componets ML9211 Datasheet HTML 8Page - OKI electronic componets ML9211 Datasheet HTML 9Page - OKI electronic componets ML9211 Datasheet HTML 10Page - OKI electronic componets ML9211 Datasheet HTML 11Page - OKI electronic componets ML9211 Datasheet HTML 12Page - OKI electronic componets ML9211 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
¡ Semiconductor
ML9211
9/19
AC Characteristics
TIMING DIAGRAM
l
Data Input Timing
–0.8VDD
–0.2VDD
–0.8VDD
–0.2VDD
–0.8VDD
–0.2VDD
CS
CLOCK
DATA IN
tDS
tDH
tCSS
1/fC
tCW
tCW
tCSH
tCSL
VALID
VALID
VALID
VALID
l
Reset Timing
tPOF
tPRZ
VDD
CS
tRSOFF
–0.8VDD
–0.0V
–0.8VDD
–0.0V
l
Driver Output Timing
–0.8VDISP
–0.2VDISP
SEG1-56, GRID1-3
tR
tR
tF
Parameter
Symbol
fC
Clock Frequency
tCW
Clock Pulse Width
tDS
Data Setup Time
tDH
Data Hold Time
tCSL
CS Off Time
tCSS
tR
tPRZ
CS Setup Time
(CS-Clock)
Output Slew Rate Time
VDD Rise Time
Condition
Min.
Max.
Unit
—
—
2.0
MHz
—
200
—
ns
—
200
—
ns
—
200
—
ns
—20
—
m
s
—
200
—
ns
tR=20% to 80%
—
2.0
m
s
tF=80% to 20%
—
2.0
m
s
Mounted in a unit
—
100
m
s
CL=100pF
tCSH
CS Hold Time
(Clock-CS)
—
200
—
ns
tPOF
VDD Off Time
Mounted in a unit, VDD=0.0V
5.0
—
ms
tRSOFF
CS Wait Time
—
400
—
m
s
tF
Ta=–40 to +85°C,VDISP =8.0 to 18.0V, VDD=4.5 to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com