Electronic Components Datasheet Search
  English  ▼

X  

ML9211 Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML9211
Description  56-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9211 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML9211 Datasheet HTML 3Page - OKI electronic componets ML9211 Datasheet HTML 4Page - OKI electronic componets ML9211 Datasheet HTML 5Page - OKI electronic componets ML9211 Datasheet HTML 6Page - OKI electronic componets ML9211 Datasheet HTML 7Page - OKI electronic componets ML9211 Datasheet HTML 8Page - OKI electronic componets ML9211 Datasheet HTML 9Page - OKI electronic componets ML9211 Datasheet HTML 10Page - OKI electronic componets ML9211 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
¡ Semiconductor
ML9211
7/19
Symbol
QFP-1
*
Type
Description
SYNC OUT 1
38
Synchronous signal output.
Connect these pins to the slave side SYNC IN 1 and 2 pins.
OSC0
34
I/O
RC oscillator connecting pins.
Oscillation frequency depends on display tubes
to be used. For details, refer to ELECTRICAL
CHARACTERISTICS.
QFP-2
*
36
32
SYNC OUT 2
37
O
35
Pin
VDD
OSC0
R
C
ABSOLUTE MAXIMUM RATING
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
VDISP
Driver Supply Voltage
VDD
Logic Supply Voltage
VIH
High Level Input Voltage
VIL
Low Level Input Voltage
fC
Clock Frequency
TOP
Operating Temperature
Condition
Min.
Typ.
Max.
Unit
—
8.0
13.0
18.0
V
—
4.5
5.0
5.5
V
All inputs except OSC0
0.8VDD
——
V
All inputs except OSC0
—
—
0.2VDD
V
—
—
—
2.0
MHz
—
–40
—
+85
°C
fOSC
Oscillation Frequency
R=10KW±5%, C=27pF±5%
2.6
3.3
4.0
MHz
fFR
Frame Frequency
R=10KW±5%,
C=27pF±5%
211
269
325
Hz
1/3 Duty
1/2 Duty
317
403
488
Hz
Parameter
Symbol
Condition
Ratings
Unit
VDISP
—
–0.3 to +20
V
Driver Supply Voltage
VDD
—V
Logic Supply Voltage
VIN
—V
Input Voltage
PD
QFP80-P-1420-0.80-BK
mW
Power Dissipation
TSTG
—°C
Storage Temperature
IO1
SEG1 to 37
mA
IO2
SEG38 to 56
mA
Output Current
IO3
GRID1 to 3
mA
IO4
DIM OUT, SYNC OUT1, SYNC OUT2
mA
–0.3 to +6.5
–0.3 to VDD+0.3
760
–55 to +150
–10.0 to +2.0
–20.0 to +2.0
–10.0 to +20.0
–2.0 to +2.0
QFP80-P-1414-0.65-K
630
Ta≥25°C
*
QFP-1: QFP80-P-1420-0.80-BK
QFP-2: QFP80-P-1414-0.65-K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com