Electronic Components Datasheet Search
  English  ▼

X  

ML9211 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML9211
Description  56-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9211 Datasheet(HTML) 1 Page - OKI electronic componets

  ML9211 Datasheet HTML 1Page - OKI electronic componets ML9211 Datasheet HTML 2Page - OKI electronic componets ML9211 Datasheet HTML 3Page - OKI electronic componets ML9211 Datasheet HTML 4Page - OKI electronic componets ML9211 Datasheet HTML 5Page - OKI electronic componets ML9211 Datasheet HTML 6Page - OKI electronic componets ML9211 Datasheet HTML 7Page - OKI electronic componets ML9211 Datasheet HTML 8Page - OKI electronic componets ML9211 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
¡ Semiconductor
ML9211
1/19
GENERAL DESCRIPTION
The ML9211 is a full CMOS controller/driver for Duplex or Triplex (1/2 duty or 1/3 duty)
vacuum fluorescent display tube. It consists of a 56-segment driver multiplexed to drive up to
168 segments, and 10-bit digital dimming circuit.
ML9211 features a selection of a master mode and a slave mode, and therefore it can be used to
expand segments for the VFD driver with keyscan and A/D converter function.
ML9211 provides an interface with a microcontroller only by three signal lines: DATA IN,
CLOCK and CS.
FEATURES
• Logic supply voltage (VDD)
: 4.5 to 5.5V
• Driver supply voltage (VDISP)
: 8 to 18V
• Duplex/Triplex (1/2 duty / 1/3 duty) selectable
DUP/TRI=1/2 duty selectable at "H" level
DUP/TRI=1/3 duty selectable at "L" level
• Number of display segments
Max. 112-segment display (during 1/2 duty mode)
Max. 168-segment display (during 1/3 duty mode)
• Master/Slave selectable
M/S=Master mode selectable at "H" level
M/S=Slave mode selectable at "L" level
• Interface with a microcontroller
Three lines: CS, CLOCK, and DATA IN
• 56-segment driver outputs
: IOH=–5mA at VOH=VDISP–0.8V (SEG1 to 37)
(can be directly connected to VFD tube
: IOH=–10mA at VOH=VDISP–0.8V (SEG38 to 56)
and require no external resistors)
: IOL=500mA at VOL=2V (SEG1 to 56)
• 3-grid pre-driver outputs
: IOH=–5.0mA at VOH=VDISP–0.8V
(require external drivers)
IOL=10mA at VOL=2V
• Logic outputs
: IOH=–200mA at VOH=VDD–0.8V
IOL=200mA at VOL=0.8V
• Built-in digital dimming circuit (10-bit resolution)
• Built-in oscillation circuit (external R and C)
• Built-in Power-On-Reset circuit
• Package options:
80-pin plastic QFP (QFP80-P-1420-0.80-BK)
Product name: ML9211GA
80-pin plastic QFP (QFP80-P-1414-0.65-K)
Product name: ML9211GP
¡ Semiconductor
ML9211
56-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
E2C0045-19-83
This version: Aug. 1999


Similar Part No. - ML9211

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9212 OKI-ML9212 Datasheet
251Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
logo
List of Unclassifed Man...
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
32-Bit Duplex/Triplex VF Controller/Driver with Digital Dimming
logo
LAPIS Semiconductor Co....
ML9212 LAPIS-ML9212 Datasheet
110Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
logo
OKI electronic componet...
ML9212GA OKI-ML9212GA Datasheet
251Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
More results

Similar Description - ML9211

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9210 OKI-MSM9210 Datasheet
219Kb / 20P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9212 OKI-ML9212 Datasheet
251Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9213 OKI-ML9213 Datasheet
183Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
List of Unclassifed Man...
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
FEDL9212-01 ETC2-FEDL9212-01 Datasheet
110Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
FEDL9213-01L ETC2-FEDL9213-01L Datasheet
194Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
LAPIS Semiconductor Co....
ML9212 LAPIS-ML9212 Datasheet
110Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9213 LAPIS-ML9213 Datasheet
194Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com