Electronic Components Datasheet Search
  English  ▼

X  

AD9119BBCZRL Datasheet(PDF) 27 Page - Analog Devices

Part # AD9119BBCZRL
Description  RF Digital-to-Analog Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9119BBCZRL Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9119BBCZRL Datasheet HTML 23Page - Analog Devices AD9119BBCZRL Datasheet HTML 24Page - Analog Devices AD9119BBCZRL Datasheet HTML 25Page - Analog Devices AD9119BBCZRL Datasheet HTML 26Page - Analog Devices AD9119BBCZRL Datasheet HTML 27Page - Analog Devices AD9119BBCZRL Datasheet HTML 28Page - Analog Devices AD9119BBCZRL Datasheet HTML 29Page - Analog Devices AD9119BBCZRL Datasheet HTML 30Page - Analog Devices AD9119BBCZRL Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
Data Sheet
AD9119/AD9129
Rev. B | Page 27 of 66
AC (Mix-Mode)
IOUTFS = 28 mA, fDAC = 2.6 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
–100
–90
START 20MHz
RES BW 20kHz
VBW 20kHz
SWEEP 7.78s (1001 pts)
REF 0dBm ATTEN: 20dB
STOP 2.6GHz
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 84. Single-Tone Spectrum at fOUT = 2350 MHz
–90
500
1500
1000
2000
2500
fOUT (MHz)
3000
–70
–80
–50
–60
–40
1600MSPS
2200MSPS
2800MSPS
Figure 85. SFDR vs. fOUT over fDAC
–170
1000
2000
1500
2500
3500
4000
3000
fOUT (MHz)
4500
–160
–165
–150
–155
–145
Figure 86. Single-Tone NSD vs. fOUT
–95
START 20MHz
RES BW 20kHz
VBW 20kHz
SWEEP 7.78s (1001 pts)
REF 5dBm
ATTEN: 20dB
STOP 2.6GHz
–85
–75
–65
–55
–45
–35
–25
–5
–15
5
Figure 87. Single-Tone Spectrum at fOUT = 1600 MHz
–85
500
1500
1000
2000
2500
fOUT (MHz)
3000
–65
–70
–80
–75
–60
–55
–50
1600MSPS
2200MSPS
2800MSPS
Figure 88. IMD vs. fOUT over fDAC
–170
1500
2500
2000
3000
3500
fOUT (MHz)
4000
–160
–165
–150
–155
–145
Figure 89. W-CDMA NSD vs. fOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com